Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83782D Datasheet(PDF) 9 Page - Winbond

Part # W83782D
Description  MONITORING IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83782D Datasheet(HTML) 9 Page - Winbond

Back Button W83782D Datasheet HTML 5Page - Winbond W83782D Datasheet HTML 6Page - Winbond W83782D Datasheet HTML 7Page - Winbond W83782D Datasheet HTML 8Page - Winbond W83782D Datasheet HTML 9Page - Winbond W83782D Datasheet HTML 10Page - Winbond W83782D Datasheet HTML 11Page - Winbond W83782D Datasheet HTML 12Page - Winbond W83782D Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Preliminary W83782D
Publication Release Date: April 1999
- 3 -
Revision A1
3. KEY SPECIFICATIONS
• Voltage monitoring accuracy
±1% (Max)
• Monitoring Temperature Range and Accuracy
- 40
°C to +120°C
± 3°C(Max)
• Supply Voltage
5V
• Operating Supply Current
5 mA typ.
• ADC Resolution
8 Bits
4. PIN CONFIGURATION
V C C
G N D D
S C L
S D A
I
O
W
#
C
L
K
I
N
D
0
/
P
W
M
O
U
T
3
D
1
/
P
W
M
O
U
T
4
D
2
D
3
D
4
D
5
D
6
D
7
W83782D
1
12
13
24
25
MR
36
37
48
V
C
O
R
E
A
V
I
N
R
0
+
3.3
V
I
N
+
5
V
I
N
+
12
V
I
N
-
12
V
I
N
V
B
A
T
5
V
S
B
-
5
V
I
N
G
N
D
A
V
I
D
3
CASEOPEN
I
O
R
#
V
I
D
1
B
E
E
P
/
G
P
O
#
CS#
SA0/IA0
SA1/IA1
SA2/IA2
SMI#
ARDMSEL
OVT#
VID0
VTIN1/PIITD1
VTIN3/PIITD3
VTIN2/PIITD2
VREF
VID4
FAN3IO/PWMOUT2
FAN2IO
FAN1IO
PWMTOUT1
VID2


Similar Part No. - W83782D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83782D WINBOND-W83782D Datasheet
850Kb / 62P
   H/W MONITORING IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
More results

Similar Description - W83782D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
W83783S WINBOND-W83783S_04 Datasheet
450Kb / 56P
   Monitoring IC
W83783S WINBOND-W83783S Datasheet
312Kb / 10P
   MONITORING IC
W83L784R WINBOND-W83L784R_05 Datasheet
589Kb / 52P
   Monitoring IC
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
logo
Seiko Instruments Inc
S-8239BAA-M6T1U SII-S-8239BAA-M6T1U Datasheet
1Mb / 25P
   OVERCURRENT MONITORING IC
S-8225AAA-TCT1U SII-S-8225AAA-TCT1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
S-8225BAA-TCT1U SII-S-8225BAA-TCT1U Datasheet
1Mb / 24P
   BATTERY MONITORING IC
S-8239AAA-M6T1U SII-S-8239AAA-M6T1U Datasheet
2Mb / 30P
   OVERCURRENT MONITORING IC
logo
ABLIC Inc.
S-8229 ABLIC-S-8229 Datasheet
568Kb / 27P
   BATTERY MONITORING IC
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com