Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5227A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5227A
Description  VHF to UHF Wide-Band Low-Noise Amplifier Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5227A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5227A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5227A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5227A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5227A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5227A Datasheet HTML 5Page - Sanyo Semicon Device 2SC5227A Datasheet HTML 6Page - Sanyo Semicon Device 2SC5227A Datasheet HTML 7Page - Sanyo Semicon Device 2SC5227A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5227A
No. A1063-4/8
f=100MHz, 200MHz to 2000MHz(200MHz Step)
f=100MHz, 200MHz to 2000MHz(200MHz Step)
f=100MHz, 200MHz to 2000MHz(200MHz Step)
f=100MHz, 200MHz to 2000MHz(200MHz Step)
j50
j25
j10
0
10
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150 250
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
16 20
12
8
4
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
0.04 0.08
0.16
0.12
0.2
j50
j25
j10
0
10
25
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150 250
50
ITR08209
ITR08210
ITR08211
ITR08212
25
50
2.0GHz
VCE=2V
IC=3mA
VCE=5V
IC=20mA
VCE=5V
IC=7mA
0.1GHz
0.1GHz
2.0GHz
2.0Hz
0.1GHz
0.1GHz
0.1GHz
VCE=5V
IC=7mA
VCE=2V
IC=3mA
VCE=5V
IC=20mA
2.0GHz
2.0GHz
2.0GHz
VCE=2V
IC=3mA
VCE=5V
IC=7mA
VCE=5V
IC=20mA
0.1GHz
0.1GHz
0.1GHz
2.0GHz
2.0GHz
2.0GHz
2.0GHz
2.0GHz
2.0GHz
VCE=5V
IC=20mA
0.1GHz
VCE=2V
IC=3mA
VCE=5V
IC=7mA


Similar Part No. - 2SC5227A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5227A SANYO-2SC5227A Datasheet
69Kb / 6P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
logo
ON Semiconductor
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
August, 2013
More results

Similar Description - 2SC5227A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A_12 Datasheet
470Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
EC3H02B SANYO-EC3H02B Datasheet
41Kb / 5P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5503 SANYO-2SC5503 Datasheet
45Kb / 6P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5539 SANYO-2SC5539 Datasheet
44Kb / 5P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5501 SANYO-2SC5501 Datasheet
46Kb / 6P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H05B SANYO-EC3H05B Datasheet
25Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com