Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2112 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SA2112
Description  High Current Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2112 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SA2112 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2112 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2112 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2112 Datasheet HTML 4Page - Sanyo Semicon Device 2SA2112 Datasheet HTML 5Page - Sanyo Semicon Device 2SA2112 Datasheet HTML 6Page - Sanyo Semicon Device 2SA2112 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SA2112
No.7379-3/7
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V IT05441
0
--2.0
--1.6
--1.2
--0.8
--0.4
0
--0.2
--0.4
--0.6
--1.0
--0.8
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V IT05442
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IT05443
0
--3.0
--2.5
--1.5
--2.0
--0.5
--1.0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
hFE -- IC
Collector Current, IC -- A
IT05444
3
5
7
3
2
100
1000
5
7
--0.01
23
5
7 --0.1
23
5
--1.0
23
5
7
0
--2.0
--1.6
--1.2
--0.8
--0.4
0
--4
--8
--12
--20
--16
IB=0
IB=0
--2mA
--1mA
--2mA
--3mA
--4mA
--5mA
--6mA
--8mA
--10mA
--12mA
--4mA
--6mA
--10mA
--8mA
--20mA
--30mA
--40mA
VCE= --2V
VCE= --2V
Ta=75
°C
25
°C
--25
°C
--1.0
--0.1
--0.01
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
IT05448
--1.0
35
7
2
--10
23
5
7
--100
10
2
3
100
5
7
VBE(sat) -- IC
Collector Current, IC -- A
IT05447
3
5
--1.0
2
3
5
7
--10
27
5
32
7
5
33
25
7
Ta= --25°C
25
°C
75
°C
IC / IB=50
VCE(sat) -- IC
Collector Current, IC -- A
IT05445
7
5
3
2
--1.0
--0.1
--0.01
5
3
2
7
5
3
2
7
5
3
2
--1.0
--0.1
--0.01
5
3
2
7
5
3
2
--1.0
VCE(sat) -- IC
Collector Current, IC -- A
IT05446
--10
--0.01
--0.1
--1.0
2
3
5
7
2
3
5
7
2
3
5
7
3
2
2
3
5
7
--0.1
--0.01
5
7
IC / IB=20
Ta=75
°C
--25
°C
25°
C
IC / IB=50
Ta=75
°C
--25
°C
25°
C
f=1MHz


Similar Part No. - 2SA2112

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2112 SANYO-2SA2112 Datasheet
28Kb / 4P
   High Current Switching Applications
logo
ON Semiconductor
2SA2112 ONSEMI-2SA2112 Datasheet
576Kb / 7P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
2SA2112-AN ONSEMI-2SA2112-AN Datasheet
576Kb / 7P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
More results

Similar Description - 2SA2112

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com