Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83628F Datasheet(PDF) 11 Page - Winbond

Part # W83628F
Description  PCI TO ISA BRIDGE SET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83628F Datasheet(HTML) 11 Page - Winbond

Back Button W83628F Datasheet HTML 7Page - Winbond W83628F Datasheet HTML 8Page - Winbond W83628F Datasheet HTML 9Page - Winbond W83628F Datasheet HTML 10Page - Winbond W83628F Datasheet HTML 11Page - Winbond W83628F Datasheet HTML 12Page - Winbond W83628F Datasheet HTML 13Page - Winbond W83628F Datasheet HTML 14Page - Winbond W83628F Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
W83628F & W83629D
Publication Release Date: May 18, 2005
- 11 -
Revision A1
4.1.3 ISA Interface Signals, contiuned
SYMBOL
PIN
I/O
FUNCTION
MEMR#
6
I/O24t
Memory Read. MEMR# asserted indicates the current ISA bus
cycle is a memory read.
MEMW#
7
I/O24t
Memory Write. MEMW# asserted indicates the current ISA bus
cycle is a memory write.
MASTER#
17
INt
MASTER#. This signal is used with a DREQ line by an ISA
master to gain control of the ISA Bus.
LA[23:17]
5-2
127-
125
I/O24t
Unlatched Address. The LA[23:17] address lines are bi-
directional. These address lines allow accesses to physical
memory on the ISA Bus up to 16 Mbytes. LA[23:17] are outputs
when the W83628F owns the ISA Bus.
ROMCS#
73
I/O12
ROMCS# ,this pin weak pulled-down during PCIRST is
asserted, and apply a pull-up resistor (4.7 Kohm) to this pin
enable positive decoder of BIOS address range (depend on
Configure register 70 , bit 3,2). When BIOS assress range is
enabled , the PIN is BIOS ROM CS# output.
REFRESH#
75
I/O24t
Refresh. REFRESH# asserted indicates that a refresh cycle is in
progress, or that an ISA master is requesting W83628F to
generate a refresh cycle. Upon PCIRST#, this signal is tri-stated.
ZEROWS#
106
INt
Zero Wait States. An ISA slave asserts ZEROWS# after its
address and command signals have been decoded to indicate
that the current cycle can be executed as an ISA zero wait state
cycle. ZEROWS# has no effect during 16-bit I/O cycles.
SMEMR#
117
OUT24t
Standard Memory Read. SMEMR# asserted indicates the
current ISA bus cycle is a memory read cycle to an address
below 1 Mbyte.
SMEMW#
119
OUT24t
Standard Memory Write. SMEMW# asserted indicates the
current ISA bus cycle is a memory write cycle to an address
below 1 Mbyte.
BALE
122
OUT24t
Bus Address Latch Enable. BALE is an active high signal
asserted by the W83628F to indicate that the address (SA[19:0],
LA[23:17]) and SBHE# signal lines are valid.
The LA[23:17] address lines are latched on the trailing edge of
BALE. BALE remains asserted throughout DMA and ISA master
cycles. BALE is driven low upon PCIRST#.
MEMCS16#
123
OD24
Memory Chip Select 16. MEMCS16# asserted indicates that the
memory slave supports 16-bit accesses.
7.1.4 Power Signals
SYMBOL
PIN
I/O
FUNCTION
VCC
1, 82, 102, 115
PWR
5V Supply.
3VCC
27, 46, 64
PWR
3.3V Supply.
GND
16, 38, 50, 65, 95,
111, 128
PWR
Ground.


Similar Part No. - W83628F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
   PCI TO ISA BRIDGE SET
More results

Similar Description - W83628F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
   PCI TO ISA BRIDGE SET
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
   PCI TO ISA BRIDGE
logo
Winbond
W83626F WINBOND-W83626F_05 Datasheet
235Kb / 23P
   LPC TO ISA BRIDGE SET
logo
National Semiconductor ...
PC87200 NSC-PC87200 Datasheet
114Kb / 33P
   PC87200 PCI to ISA Bridge
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117 Datasheet
348Kb / 1P
   2-slot CardBus Module PCI to ISA Bridge Module
logo
ITE Tech.Inc.
IT8888G ITE-IT8888G Datasheet
615Kb / 71P
   PCI-to-ISA Bridge Chip (Code Name: Golden Gate)
V0.9 2005
logo
AAEON Technology
PFM-T800 AAEON-PFM-T800 Datasheet
431Kb / 1P
   ISA Bridge (PCI-104 to PC/104) for PFM-800P
logo
Feature Integration Tec...
F85226 FINTEK-F85226 Datasheet
1Mb / 44P
   LPC to ISA Bridge
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
   LPC to ISA Bridge
logo
Advantech Co., Ltd.
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
   PCI/ISA Backplanes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com