Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83628F Datasheet(PDF) 9 Page - Winbond

Part # W83628F
Description  PCI TO ISA BRIDGE SET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83628F Datasheet(HTML) 9 Page - Winbond

Back Button W83628F Datasheet HTML 5Page - Winbond W83628F Datasheet HTML 6Page - Winbond W83628F Datasheet HTML 7Page - Winbond W83628F Datasheet HTML 8Page - Winbond W83628F Datasheet HTML 9Page - Winbond W83628F Datasheet HTML 10Page - Winbond W83628F Datasheet HTML 11Page - Winbond W83628F Datasheet HTML 12Page - Winbond W83628F Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
W83628F & W83629D
Publication Release Date: May 18, 2005
- 9 -
Revision A1
4.1.1 PCI Interface, contiuned
SYMBOL
PIN
I/O
FUNCTION
FRAME#
40
I/O24tp3
Frame Signal. FRAME# is driven by the current PCI bus master
to indicate the beginning and duration of an access.
IDSEL
29
INt
Initialization Device Select. IDSEL is used as a chip select
during configuration read and write transactions. This signal
should be externally tied to one of the upper 21 address signals.
STOP#
39
I/O12tp3
Bus Stop#. STOP# indicates the current target is requesting the
master to stop the current PCI bus transaction.
IRDY#
41
I/O12tp3
Initiator Ready. IRDY# indicates the initiating agent ability to
complete the current data phase of the PCI bus transaction.
TRDY#
42
I/O12tp3
Target Ready. TRDY# indicates the target agent’s ability to
complete the current data phase of the PCI bus transaction.
DEVSEL#
43
I/O12tp3
Device Select. W83628F drives DEVSEL# to indicate that it is
the target of the current PCI bus transaction. W83628F uses
subtractive decoding and the NOGO protocol to claim PCI
transactions.
SERR#
45
OD12
System Error. SERR# can be pulsed active by any PCI agent
that detects a system error condition.
PAR
49
I/O12tp3
Parity Signal. W83628F generates even parity across AD[31:0]
and C/BE[3:0]#.
PCIRST#
71
INt
PCI Reset. W83628F receives PCIRST# as a reset from the PCI
Bus.
7.1.2 Control Logic and Handshaking Signals
SYMBOL
PIN
I/O
FUNCTION
HS[2:0]
112-
114
I/O12
Handshaking Signals. HS[2:0] connected to W83629D for PCI
to ISA SET handshaking signals.
HS1 is handshaking Signal 1, this pin weak pulled-down
during PCIRST# is asserted, and apply a pull-up
resistor(4.7Kohm) to this pin disables ISA bridge subtraction
decoder.
ISOLATE#
72
INt
Isolation Control Input. Isolate# is an active low signal by user
programming to control the W83628F all output signals to
Isolation and Tri-state.
NOGO
76
INt
NOGO, This signal indicates which master initiated the current
transaction and also indicates whether or not the current bus
cycle is targeted for the ISA bus. This signal is a point-to-point
connection between PCI HOST Bridge and W83628F.


Similar Part No. - W83628F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
   PCI TO ISA BRIDGE SET
More results

Similar Description - W83628F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
   PCI TO ISA BRIDGE SET
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
   PCI TO ISA BRIDGE
logo
Winbond
W83626F WINBOND-W83626F_05 Datasheet
235Kb / 23P
   LPC TO ISA BRIDGE SET
logo
National Semiconductor ...
PC87200 NSC-PC87200 Datasheet
114Kb / 33P
   PC87200 PCI to ISA Bridge
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117 Datasheet
348Kb / 1P
   2-slot CardBus Module PCI to ISA Bridge Module
logo
ITE Tech.Inc.
IT8888G ITE-IT8888G Datasheet
615Kb / 71P
   PCI-to-ISA Bridge Chip (Code Name: Golden Gate)
V0.9 2005
logo
AAEON Technology
PFM-T800 AAEON-PFM-T800 Datasheet
431Kb / 1P
   ISA Bridge (PCI-104 to PC/104) for PFM-800P
logo
Feature Integration Tec...
F85226 FINTEK-F85226 Datasheet
1Mb / 44P
   LPC to ISA Bridge
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
   LPC to ISA Bridge
logo
Advantech Co., Ltd.
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
   PCI/ISA Backplanes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com