Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1705 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SA1705
Description  Low-Frequency Power Amplifi er Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1705 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SA1705_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1705_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1705_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1705_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1705_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SA1705_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SA1705
No.3025-3/6
Ambient Temperature, Ta --
°C
PC -- Ta
hFE -- IC
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
VBE(sat) -- IC
Collector Current, IC -- mA
f T -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
VCE(sat) -- IC
Collector-to-Emitter Voltage, VCE -- V
A S O
100
--10
1000
7
5
3
2
7
5
10
7
3
2
5
23
5
57
--100
72
3
5
7 --1000
23
VCE= --2V
ITR04274
Ta=75
°C
--25
°C
25
°C
100
5
7
10
5
3
2
3
2
57
3
25
3
2
57
--10
--100
VCE= --10V
ITR04276
5
3
5
7
10
2
3
2
--10
--100
--1.0
55
77
23
5
7
23
ITR04278
f=1MHz
--10
57
2
3
5
2
7
23
5
7 --100
--1000
3
2
7
5
3
2
7
5
--1000
--100
--10
ITR04280
Ta=75
°C
25°
C
--25°
C
IC / IB=10
--10
7
5
3
2
7
5
2
3
--1.0
--10
7
52
3
7
5
23
7
52
--100
--1000
ITR04282
IC / IB=10
Ta= --25°C
75
°C
25
°C
3
--1.0
2
--0.1
3
--0.01
2
5
3
2
5
7
7
57
2
5
37
2
5
37
--1.0
--10
ITR04284
IC= --1.0A
ICP= --2.0A
10ms
100ms
DC
operation
Ta=25
°C
Single pulse
ITR04285
1.0
0
0.8
0.6
0.4
0.2
100
140
120
160
20
060
40
80


Similar Part No. - 2SA1705_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1705 SANYO-2SA1705_11 Datasheet
120Kb / 4P
   Low-Frequency Power Amplifier Applications
More results

Similar Description - 2SA1705_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
12A02MH-TL-E SANYO-12A02MH-TL-E Datasheet
473Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
30C02MH-TL-E SANYO-30C02MH-TL-E Datasheet
477Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
50A02CH SANYO-50A02CH_12 Datasheet
532Kb / 7P
   Low-Frequency General-Purpose Amplifi er Applications
30C02MH SANYO-30C02MH Datasheet
247Kb / 4P
   Low-Frequency General-Purpose Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SC4853A SANYO-2SC4853A_12 Datasheet
463Kb / 8P
   Low-Voltage, Low-Current High-Frequency Amplifi er Applications
CPH5905 SANYO-CPH5905_12 Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
MCH5908 SANYO-MCH5908_12 Datasheet
399Kb / 6P
   High-Frequency Amplifi er, AM Amplifier, Low-Frequency Amplifier Applications
CPH5902 SANYO-CPH5902_12 Datasheet
547Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com