Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3649 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC3649
Description  High-Voltage Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3649 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC3649 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3649 Datasheet HTML 2Page - Sanyo Semicon Device 2SC3649 Datasheet HTML 3Page - Sanyo Semicon Device 2SC3649 Datasheet HTML 4Page - Sanyo Semicon Device 2SC3649 Datasheet HTML 5Page - Sanyo Semicon Device 2SC3649 Datasheet HTML 6Page - Sanyo Semicon Device 2SC3649 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SA1419 / 2SC3649
No.2007-1/7
Features
Adoption of FBET, MBIT processes
High breakdown voltage and large current capacity
Ultrasmall size making it easy to provide high-density, small-sized hybrid IC’s
Specifications ( ) : 2SA1419
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)180
V
Collector-to-Emitter Voltage
VCEO
(--)160
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)1.5
A
Collector Current (Pulse)
ICP
(--)2.5
A
Collector Dissipation
PC
500
mW
When mounted on ceramic substrate (250mm2×0.8mm)
1.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7007B-004
Ordering number : EN2007C
82212 TKIM/31010CB TKIM/O3103TN (KT)/71598HA (KT)/4277TA, TS
SANYO Semiconductors
DATA SHEET
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
2SA1419S-TD-E
2SA1419S-TD-H
2SA1419T-TD-E
2SA1419T-TD-H
2SC3649S-TD-E
2SC3649S-TD-H
2SC3649T-TD-E
2SC3649T-TD-H
2SC3649
2SA1419
RANK
RANK
2
3
1
2SC3649
2
3
1
2SA1419
2SA1419/2SC3649
PNP / NPN Epitaxial Planar Silicon Transistor
High-Voltage Switching
Applications


Similar Part No. - 2SC3649

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3649 SANYO-2SC3649 Datasheet
127Kb / 4P
   High-Voltage Switching Applications
logo
List of Unclassifed Man...
2SC3649 ETC1-2SC3649 Datasheet
81Kb / 2P
   High speed switching transistor
logo
Sanyo Semicon Device
2SC3649 SANYO-2SC3649 Datasheet
120Kb / 5P
   High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SC3649 KEXIN-2SC3649 Datasheet
1Mb / 3P
   NPN Transistors
2SC3649-HF KEXIN-2SC3649-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SC3649

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com