Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN2005C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # EN2005C
Description  High-Voltage Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN2005C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  EN2005C Datasheet HTML 1Page - Sanyo Semicon Device EN2005C Datasheet HTML 2Page - Sanyo Semicon Device EN2005C Datasheet HTML 3Page - Sanyo Semicon Device EN2005C Datasheet HTML 4Page - Sanyo Semicon Device EN2005C Datasheet HTML 5Page - Sanyo Semicon Device EN2005C Datasheet HTML 6Page - Sanyo Semicon Device EN2005C Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SA1416 / 2SC3646
No.2005-1/7
Features
Adoption of FBET, MBIT processes
High breakdown voltage and large current capacity
Fast switching speed
Ultrasmall size making it easy to provide high-density, small-sized hybrid IC’s
Specifications ( ) : 2SA1416
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)120
V
Collector-to-Emitter Voltage
VCEO
(--)100
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)1
A
Collector Current (Pulse)
ICP
(--)2
A
Collector Dissipation
PC
500
mW
When mounted on ceramic substrate (250mm2×0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7007B-004
Ordering number : EN2005C
82212 TKIM/31010EA TKIM/O3103TN (KT)/71598HA (KT)/3277KI/N255MW, TS
SANYO Semiconductors
DATA SHEET
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
2SA1416S-TD-E
2SA1416T-TD-E
2SC3646S-TD-E
2SC3646T-TD-E
2SC3646
2SA1416
RANK
RANK
2
3
1
2SC3646
2
3
1
2SA1416
2SA1416/2SC3646
PNP / NPN Epitaxial Planar Silicon Transistor
High-Voltage Switching
Applications


Similar Part No. - EN2005C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN2005C ONSEMI-EN2005C Datasheet
358Kb / 7P
   Bipolar Transistor
September, 2013
More results

Similar Description - EN2005C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com