Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8044LP Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LV8044LP
Description  6-channel Motor Driver IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8044LP Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LV8044LP_11 Datasheet HTML 6Page - Sanyo Semicon Device LV8044LP_11 Datasheet HTML 7Page - Sanyo Semicon Device LV8044LP_11 Datasheet HTML 8Page - Sanyo Semicon Device LV8044LP_11 Datasheet HTML 9Page - Sanyo Semicon Device LV8044LP_11 Datasheet HTML 10Page - Sanyo Semicon Device LV8044LP_11 Datasheet HTML 11Page - Sanyo Semicon Device LV8044LP_11 Datasheet HTML 12Page - Sanyo Semicon Device LV8044LP_11 Datasheet HTML 13Page - Sanyo Semicon Device LV8044LP_11 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LV8044LP,LV8044LQ
No.A0438-10/26
Serial Logic Table (2)
Input
Setting mode
Description
Remarks
Set channel
PI
Serial data reflection
timing
D0 D1 D2 D3 D4 D5 D6 D7
1ch 2ch 3ch 4ch 5ch 6ch
STEP1 STEP2 STB
0 1 0
0 0
*
*
*
3/4ch
excitation
mode selection
2 phase
1 0
*
*
*
1-2 phase (full torque)
0 1
*
*
*
1-2 phase
1 1
*
*
*
4W1-2 phase
*
*
0 0
*
3/4ch
current reference
voltage selection
100% (0.2V)
*
*
1 0
*
67% (0.134V)
*
*
0 1
*
50% (0.1V)
*
*
1 1
*
33% (0.066V)
*
*
*
*
0
3/4ch
Channels 3 and 4
saturation/microstep
selection
PWM
*
*
*
*
1
Microstep
1 1 0
0 0
*
*
*
3ch energization
direction
(Saturated mode)
OFF
1 0
*
*
*
OUT3A
→ OUT3B
0 1
*
*
*
OUT3B
→ OUT3A
1 1
*
*
*
Brake
*
*
0 0
*
4ch energization
direction
(Saturated mode)
OFF
*
*
1 0
*
OUT4A
→ OUT4B
*
*
0 1
*
OUT4B
→ OUT4A
*
*
1 1
*
Brake
*
*
*
*
0
3/4ch PWM DECAY
(Saturated mode)
Brake
*
*
*
*
1
Standby mode
0
*
*
*
*
3/4ch energization
direction
(Microstep mode)
CW (Forward)
1
*
*
*
*
CCW (Reverse)
*
0
*
*
*
3/4ch step hold
(Microstep mode)
Cancel
*
1
*
*
*
Hold
*
*
0
*
*
3/4ch counter reset
(Microstep mode)
Reset
*
*
1
*
*
Cancel
*
*
*
0
*
3/4ch output enable
(Microstep mode)
Output OFF
*
*
*
1
*
Output ON
*
*
*
*
0
(Dummy data)
*
*
*
*
1


Similar Part No. - LV8044LP_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8044LP-MPB-E ONSEMI-LV8044LP-MPB-E Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
LV8044LP-MPB-E ONSEMI-LV8044LP-MPB-E Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
LV8044LP-MPB-H ONSEMI-LV8044LP-MPB-H Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
LV8044LP-MPB-H ONSEMI-LV8044LP-MPB-H Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
LV8044LP-TLM-E ONSEMI-LV8044LP-TLM-E Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
More results

Similar Description - LV8044LP_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8044LP ONSEMI-LV8044LP Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
ENA0438F ONSEMI-ENA0438F Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
logo
Fairchild Semiconductor
KA3030D FAIRCHILD-KA3030D Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
   6-Channel Motor Drive IC
FAN8033 FAIRCHILD-FAN8033 Datasheet
358Kb / 24P
   6-Channel Motor Drive IC
logo
Ceramate Technical
CMD5901 CERAMATE-CMD5901 Datasheet
305Kb / 14P
   4-Channel Motor Driver IC
logo
Fairchild Semiconductor
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
logo
List of Unclassifed Man...
AT5556 ETC-AT5556 Datasheet
325Kb / 15P
   6-CHANNEL DSC MOTOR DRIVER
logo
Rohm
BD7907FS ROHM-BD7907FS Datasheet
207Kb / 3P
   6-channel Combo driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com