Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25040B-GTR Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # FM25040B-GTR
Description  4Kb Serial 5V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25040B-GTR Datasheet(HTML) 1 Page - Cypress Semiconductor

  FM25040B-GTR Datasheet HTML 1Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 2Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 3Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 4Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 5Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 6Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 7Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 8Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
Rev. 3.0
www.ramtron.com
Jan. 2012
Page 1 of
13
FM25040B
4Kb Serial 5V F-RAM Memory
Features
4K bit Ferroelectric Nonvolatile RAM
Organized as 512 x 8 bits
High Endurance 1 Trillion (10
12) Read/Writes
38 year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Very Fast Serial Peripheral Interface - SPI
Up to 20 MHz maximum Bus Frequency
Direct hardware replacement for EEPROM
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Sophisticated Write Protection Scheme
Hardware Protection
Software Protection
Low Power Consumption
250 A Active Current (1 MHz)
4 A (typ.) Standby Current
Industry Standard Configuration
Industrial Temperature -40 C to +85 C
8-pin “Green”/RoHS SOIC (-G)
Description
The FM25040B is a 4-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or F-RAM is
nonvolatile but operates in other respects as a RAM.
It provides reliable data retention for 38 years while
eliminating the complexities, overhead, and system
level reliability problems caused by EEPROM and
other nonvolatile memories.
The FM25040B performs write operations at bus
speed. No write delays are incurred. Data is written to
the memory array immediately after it has been
successfully transferred to the device. The next bus
cycle may commence immediately without the need
for data polling. The FM25040B is capable of
supporting up to 10
12 read/write cycles, or a million
times more write cycles than EEPROM.
These capabilities make the FM25040B ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection,
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time of EEPROM can cause data loss.
The FM25040B provides substantial benefits to users
of
serial
EEPROM,
in
a
hardware
drop-in
replacement.
The FM25040B uses the high-speed
SPI bus, which enhances the high-speed write
capability of F-RAM technology. The specifications
are guaranteed over an industrial temperature range
of -40°C to +85°C.
Pin Configuration
Pin Names
Function
/CS
Chip Select
/WP
Write Protect
/HOLD
Hold
SCK
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
VDD
Supply Voltage 5V
VSS
Ground
Ordering Information
FM25040B-G
“Green” 8-pin SOIC
FM25040B-GTR
“Green” 8-pin SOIC,
Tape & Reel
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5


Similar Part No. - FM25040B-GTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25040B-GTR RAMTRON-FM25040B-GTR Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B-GTR CYPRESS-FM25040B-GTR Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
More results

Similar Description - FM25040B-GTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B CYPRESS-FM24C04B Datasheet
335Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM25040B CYPRESS-FM25040B_13 Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
   Automotive Temp. 4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com