Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25040B-GTR Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # FM25040B-GTR
Description  4Kb Serial 5V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25040B-GTR Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button FM25040B-GTR Datasheet HTML 3Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 4Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 5Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 6Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 7Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 8Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 9Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 10Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FM25040B - 4Kb 5V SPI F-RAM
Rev. 3.0
Jan. 2012
Page 7 of
13
The BP1 and BP0 bits and the Write Enable Latch
are the only mechanisms that protect the memory
from writes. The remaining write protection features
protect inadvertent changes to the block protect bits.
The BP1 and BP0 bits allow software to selectively
write protect the array. These settings are only used
when the /WP pin is inactive and the WREN
command has been issued. The following table
summarizes
the
write
protection
conditions.
Table 4. Write Protection
WEL
/WP
Protected Blocks
Unprotected Blocks
Status Register
0
X
Protected
Protected
Protected
1
0
Protected
Protected
Protected
1
1
Protected
Unprotected
Unprotected
Memory Operation
The SPI interface, with its relatively high maximum
clock frequency, highlights the fast write capability
of
the
F-RAM
technology.
Unlike
SPI-bus
EEPROMs, the FM25040B can perform sequential
writes at bus speed. No page register is needed and
any number of sequential writes may be performed.
Write Operation
All writes to the memory array begin with a WREN
op-code. The bus master then issues a WRITE op-
code. Part of this op-code includes the upper bit of
the memory address. Bit 3 in the op-code corresponds
to A8. The next byte is the lower 8-bits of the address
A7-A0. In total, the 9-bits specify the address of the
first byte of the write operation. Subsequent bytes are
data and they are written sequentially. Addresses are
incremented internally as long as the bus master
continues to issue clocks. If the last address of 1FFh
is reached, the counter will roll over to 000h. Data is
written MSB first.
Unlike EEPROMs, any number of bytes can be
written sequentially and each byte is written to
memory immediately after it is clocked in (after the
8
th
clock). The rising edge of /CS terminates a
WRITE op-code operation.
Read Operation
After the falling edge of /CS, the bus master can issue
a READ op-code. Part of this op-code includes the
upper bit of the memory address. The next byte is the
lower 8-bits of the address. In total, the 9-bits specify
the address of the first byte of the read operation.
After the op-code is complete, the SI pin is ignored.
The bus master then issues 8 clocks, with one bit read
out for each. Addresses are incremented internally as
long as the bus master continues to issue clocks. If
the last address of 1FFh is reached, the counter will
roll over to 000h. Data is read MSB first. The rising
edge of /CS terminates a READ op-code operation..
The bus configuration for read and write operations is
shown below.
Hold
The /HOLD pin can be used to interrupt a serial
operation without aborting it. If the bus master takes
the /HOLD pin low while SCK is low, the current
operation will pause. Taking the /HOLD pin high
while SCK is low will resume an operation. The
transitions of /HOLD must occur while SCK is low,
but the SCK pin can toggle during a hold state.


Similar Part No. - FM25040B-GTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25040B-GTR RAMTRON-FM25040B-GTR Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B-GTR CYPRESS-FM25040B-GTR Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
More results

Similar Description - FM25040B-GTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B CYPRESS-FM24C04B Datasheet
335Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM25040B CYPRESS-FM25040B_13 Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
   Automotive Temp. 4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com