Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM28V100-TG Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # FM28V100-TG
Description  1Mbit Bytewide F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V100-TG Datasheet(HTML) 1 Page - Cypress Semiconductor

  FM28V100-TG Datasheet HTML 1Page - Cypress Semiconductor FM28V100-TG Datasheet HTML 2Page - Cypress Semiconductor FM28V100-TG Datasheet HTML 3Page - Cypress Semiconductor FM28V100-TG Datasheet HTML 4Page - Cypress Semiconductor FM28V100-TG Datasheet HTML 5Page - Cypress Semiconductor FM28V100-TG Datasheet HTML 6Page - Cypress Semiconductor FM28V100-TG Datasheet HTML 7Page - Cypress Semiconductor FM28V100-TG Datasheet HTML 8Page - Cypress Semiconductor FM28V100-TG Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
Rev. 3.0
http://www.ramtron.com
Apr. 2012
Page 1 of 13
FM28V100
1Mbit Bytewide F-RAM Memory
Features
1Mbit Ferroelectric Nonvolatile RAM
Organized as 128Kx8
High Endurance 100 Trillion (10
14) Read/Writes
NoDelay™ Writes
Page Mode Operation to 33MHz
Advanced High-Reliability Ferroelectric Process
Superior to Battery-backed SRAM Modules
No battery concerns
Monolithic reliability
True surface mount solution, no rework steps
Superior for moisture, shock, and vibration
SRAM Replacement
JEDEC 128Kx8 SRAM pinout
60 ns Access Time, 90 ns Cycle Time
Low Power Operation
2.0V – 3.6V Power Supply
Standby Current 90 A (typ)
Active Current 7 mA (typ)
Industry Standard Configurations
Industrial Temperature -40 C to +85 C
32-pin “Green”/RoHS Package
General Description
The FM28V100 is a 128K x 8 nonvolatile memory
that reads and writes like a standard SRAM. A
ferroelectric random access memory or F-RAM is
nonvolatile, which means that data is retained after
power is removed. It provides data retention for over
10 years while eliminating the reliability concerns,
functional
disadvantages,
and
system
design
complexities of battery-backed SRAM (BBSRAM).
Fast write timing and very high write endurance make
F-RAM superior to other types of memory.
In-system operation of the FM28V100 is very similar
to other RAM devices and can be used as a drop-in
replacement for standard SRAM. Read and write
cycles may be triggered by toggling a chip enable pin
or simply by changing the address. The F-RAM
memory is nonvolatile due to its unique ferroelectric
memory process. These features make the FM28V100
ideal for nonvolatile memory applications requiring
frequent or rapid writes in the form of an SRAM.
Device
specifications
are
guaranteed
over
the
industrial temperature range -40°C to +85°C.
Pin Configuration
* Reserved for A17 on 2Mb
Ordering Information
FM28V100-TG
32-pin “Green”/RoHS TSOP
FM28V100-TGTR
32-pin “Green”/RoHS TSOP,
Tape & Reel
TSOP-I
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A11
A9
A8
A13
WE
CE2
A15
VDD
NC*
A16
A14
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE
A10
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3


Similar Part No. - FM28V100-TG

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V100-TG RAMTRON-FM28V100-TG Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100-TG RAMTRON-FM28V100-TG Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100-TG CYPRESS-FM28V100-TG Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100-TGTR RAMTRON-FM28V100-TGTR Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100-TGTR RAMTRON-FM28V100-TGTR Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
More results

Similar Description - FM28V100-TG

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020 RAMTRON-FM28V020_11 Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V102 CYPRESS-FM28V102 Datasheet
494Kb / 16P
   1Mbit (64Kx16)F-RAM Memory
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com