Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25CL64B Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # FM25CL64B
Description  64Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25CL64B Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button FM25CL64B Datasheet HTML 2Page - Cypress Semiconductor FM25CL64B Datasheet HTML 3Page - Cypress Semiconductor FM25CL64B Datasheet HTML 4Page - Cypress Semiconductor FM25CL64B Datasheet HTML 5Page - Cypress Semiconductor FM25CL64B Datasheet HTML 6Page - Cypress Semiconductor FM25CL64B Datasheet HTML 7Page - Cypress Semiconductor FM25CL64B Datasheet HTML 8Page - Cypress Semiconductor FM25CL64B Datasheet HTML 9Page - Cypress Semiconductor FM25CL64B Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
FM25CL64B - 64Kb 3V SPI F-RAM
Rev. 3.0
Jan. 2012
Page 6 of 14
RDSR - Read Status Register
The RDSR command allows the bus master to verify
the contents of the Status Register. Reading Status
provides information about the current state of the
write protection features. Following the RDSR op-
code, the FM25CL64B will return one byte with the
contents of the Status Register. The Status Register is
described in detail in a later section.
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status Register. Prior to issuing a WRSR
command, the /WP pin must be high or inactive. Note
that on the FM25CL64B, /WP only prevents writing
to the Status Register, not the memory array. Prior to
sending the WRSR command, the user must send a
WREN command to enable writes. Note that
executing a WRSR command is a write operation and
therefore clears the Write Enable Latch.
Figure 7. RDSR Bus Configuration
Figure 8. WRSR Bus Configuration (WREN not shown)
Status Register & Write Protection
The write protection features of the FM25CL64B are
multi-tiered. First, a WREN op-code must be issued
prior to any write operation. Assuming that writes are
enabled using WREN,
writes to
memory are
controlled by the Status Register. As described
above, writes to the Status Register are performed
using the WRSR command and subject to the /WP
pin. The Status Register is organized as follows.
Table 2. Status Register
Bit
7
6
5
4
3
2
1
0
Name
WPEN
0
0
0
BP1
BP0
WEL
0
Bits 0 and 4-6 are fixed at 0 and cannot be modified.
Note
that
bit
0
(“Ready”
in
EEPROMs)
is
unnecessary as the F-RAM writes in real-time and is
never busy. The WPEN, BP1 and BP0 control write
protection features. They are nonvolatile (shaded
yellow). The WEL flag indicates the state of the
Write Enable Latch. Attempting to directly write the
WEL bit in the Status Register has no effect on its
state. This bit is internally set and cleared via the
WREN and WRDI commands, respectively.
BP1 and BP0 are memory block write protection bits.
They specify portions of memory that are write-
protected as shown in the following table.
Table 3. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
1800h to 1FFFh (upper ¼)
1
0
1000h to 1FFFh (upper ½)
1
1
0000h to 1FFFh (all)


Similar Part No. - FM25CL64B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-DG RAMTRON-FM25CL64B-DG Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B-DG CYPRESS-FM25CL64B-DG Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B-DGTR RAMTRON-FM25CL64B-DGTR Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B-DGTR CYPRESS-FM25CL64B-DGTR Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25CL64B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com