Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM24V01-G Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # FM24V01-G
Description  128Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V01-G Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button FM24V01-G Datasheet HTML 4Page - Cypress Semiconductor FM24V01-G Datasheet HTML 5Page - Cypress Semiconductor FM24V01-G Datasheet HTML 6Page - Cypress Semiconductor FM24V01-G Datasheet HTML 7Page - Cypress Semiconductor FM24V01-G Datasheet HTML 8Page - Cypress Semiconductor FM24V01-G Datasheet HTML 9Page - Cypress Semiconductor FM24V01-G Datasheet HTML 10Page - Cypress Semiconductor FM24V01-G Datasheet HTML 11Page - Cypress Semiconductor FM24V01-G Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FM24V01 - 128Kb I2C FRAM
Rev. 3.0
Jan. 2012
Page 8 of 14
Sleep Mode
A
low
power
mode
called
Sleep
Mode
is
implemented on the FM24V01 device. The device
will enter this low power state when the Sleep
command 86h is clocked-in. Sleep Mode entry can be
entered as follows:
1.
The master sends a START command.
2.
The master sends Reserved Slave ID 0xF8
3.
The master sends the I
2C-bus slave address of
the slave device it needs to identify. The last
bit is a ‘Don’t care’ value (R/W bit). Only one
device must acknowledge this byte (the one
that has the I
2C-bus slave address).
4.
The master sends a Re-START command.
5.
The master sends Reserved Slave ID 0x86
6.
The FM24V01 sends an ACK.
7.
The master sends STOP to ensure the device
enters sleep mode.
Once in sleep mode, the device draws IZZ current, but
the device continues to monitor the I
2C pins. Once
the master sends a Slave Address that the FM24V01
identifies, it will “wakeup” and be ready for normal
operation within tREC (400 s max.). As an alternative
method of determining when the device is ready, the
master can send read or write commands and look for
an ACK. While the device is waking up, it will
NACK the master until it is ready.
S
A P
By Master
By FM24V01
Start
Address
Stop
S
A
Rsvd Slave ID (F8)
Slave Address
A
Start
Address
Acknowledge
Rsvd Slave ID (86)
X
Figure 12. Sleep Mode Entry


Similar Part No. - FM24V01-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24V01-G CYPRESS-FM24V01-G Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM24V01-GTR CYPRESS-FM24V01-GTR Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24V01-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01_13 Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com