Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM24CL64B Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # FM24CL64B
Description  64Kb Serial 3V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24CL64B Datasheet(HTML) 4 Page - Cypress Semiconductor

  FM24CL64B Datasheet HTML 1Page - Cypress Semiconductor FM24CL64B Datasheet HTML 2Page - Cypress Semiconductor FM24CL64B Datasheet HTML 3Page - Cypress Semiconductor FM24CL64B Datasheet HTML 4Page - Cypress Semiconductor FM24CL64B Datasheet HTML 5Page - Cypress Semiconductor FM24CL64B Datasheet HTML 6Page - Cypress Semiconductor FM24CL64B Datasheet HTML 7Page - Cypress Semiconductor FM24CL64B Datasheet HTML 8Page - Cypress Semiconductor FM24CL64B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FM24CL64B
Rev. 3.0
Jan. 2012
Page 4 of 13
Stop
(Master)
Start
(Master)
7
Data bits
(Transmitter)
6
0
Data bit
(Transmitter)
Acknowledge
(Receiver)
SCL
SDA
Figure 3. Data Transfer Protocol
Stop Condition
A stop condition is indicated when the bus master
drives SDA from low to high while the SCL signal is
high. All operations using the FM24CL64B should
end with a stop condition. If an operation is in
progress when a stop is asserted, the operation will be
aborted. The master must have control of SDA (not a
memory read) in order to assert a stop condition.
Start Condition
A start condition is indicated when the bus master
drives SDA from high to low while the SCL signal is
high. All commands should be preceded by a start
condition. An operation in progress can be aborted by
asserting a start condition at any time. Aborting an
operation using the start condition will ready the
FM24CL64B for a new operation.
If during operation the power supply drops below the
specified VDD minimum, the system should issue a
start condition prior to performing another operation.
Data/Address Transfer
All data transfers (including addresses) take place
while the SCL signal is high. Except under the two
conditions described above, the SDA signal should
not change while SCL is high.
Acknowledge
The acknowledge takes place after the 8
th data bit has
been transferred in any transaction. During this state
the transmitter should release the SDA bus to allow
the receiver to drive it. The receiver drives the SDA
signal low to acknowledge receipt of the byte. If the
receiver does not drive SDA low, the condition is a
no-acknowledge and the operation is aborted.
The receiver would fail to acknowledge for two
distinct reasons. First is that a byte transfer fails. In
this case, the no-acknowledge ceases the current
operation so that the part can be addressed again.
This allows the last byte to be recovered in the event
of a communication error.
Second and most common, the receiver does not
acknowledge to deliberately end an operation. For
example, during a read operation, the FM24CL64B
will continue to place data onto the bus as long as
the receiver sends acknowledges (and clocks). When
a read operation is complete and no more data is
needed, the receiver must not acknowledge the last
byte. If the receiver acknowledges the last byte, this
will cause the FM24CL64B to attempt to drive the
bus on the next clock while the master is sending a
new command such as stop.
Slave Address
The first byte that the FM24CL64B expects after a
start condition is the slave address. As shown in
Figure 4, the slave address contains the device type,
the device select address bits, and a bit that specifies
if the transaction is a read or a write.
Bits 7-4 are the device type and should be set to
1010b for the FM24CL64B. These bits allow other
types of function types to reside on the 2-wire bus
within an identical address range. Bits 3-1 are the
address
select
bits.
They
must
match
the
corresponding value on the external address pins to
select the device. Up to eight FM24CL64Bs can
reside on the same two-wire bus by assigning a
different address to each. Bit 0 is the read/write bit.
R/W=1indicates a read operation and R/W=0
indicates a write operation.


Similar Part No. - FM24CL64B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
FM24CL64B-GA RAMTRON-FM24CL64B-GA Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B-GA CYPRESS-FM24CL64B-GA Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL64B-GATR RAMTRON-FM24CL64B-GATR Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B-GATR CYPRESS-FM24CL64B-GATR Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24CL64B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B Datasheet
509Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com