Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD7760-000-00702Z Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # SD7760-000-00702Z
Description  KIT - CONTACT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SD7760-000-00702Z Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  SD7760-000-00702Z Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2X FERRULE ASSEMBLY
CRIMP SLEEVE
GROUND SHIELD
O-RING
2X CONTACT
2X CONTACT
CATALOG P/N:
7760-000-00702Z
NOTES: UNLESS OTHERWISE SPECIFIED
1. INTERFACE COMPLIANT TO SMPTE 304 SPECIFICATION.
2. MATERIAL SPECIFICATIONS:
CONTACTS: COPPER ALLOY
CRIMP SLEEVE: PHOS. BRONZE
O-RING: SILICONE RUBBER
SHIELD GROUND: 303 STAINLESS STEEL PER ASTM A582
3. FINISH SPECIFICATIONS:
STAINLESS STEEL PARTS: PASSIVATE
CONTACTS: .000100 MIN GOLD PER ASTM B488 OVER
.000080 MIN NICKEL PER AMS-QQN-290 (RoHS)
CRIMP SLEEVE: .000100 MIN NICKEL PER AMS-QQ-N-290 OVER
COPPER FLASH PER ASTM B734 (RoHS)
4. REPLACEMENT KIT FOR ASSEMBLY: 7763-3-3
5. CABLE ASSEMBLY PROCEDURE CAP-E05
A
KIT - CONTACT
BY
DATE APPD
RELEASED PER
ER22697
DESCRIPTION
A
REV
08/17/09
RL
DATE
APPROVED
08/17/09
JF
DATE
APPROVED
08/17/09
WPM
DATE
APPROVED
03/30/09
PSM
DATE
DRAWN
CUSTOMER
SALES DRAWING
PER ASME Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES:
DECIMAL: .XX [X.X] ± .01 [0.3]
.XXX [X.XX] ± .005 [0.13]
.XXXX [X.XXX] ± .XXXX
ANGLES: ± 2°
SCALE: 2:1
SHT
REV
OF
A
1 1
SD7760-000-00702Z
Winchester Electronics Corporation
62 Barnes Industrial Road North
Wallingford, Connecticut 06492
THIRD
ANGLE
DMF026 B


Similar Part No. - SD7760-000-00702Z

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD7760-000-00701Z WINCHESTER-SD7760-000-00701Z Datasheet
112Kb / 1P
   KIT - CONTACT
SD7760-000-00703Z WINCHESTER-SD7760-000-00703Z Datasheet
117Kb / 1P
   KIT - CONTACT WITH CARTRIDGE
SD7760-000-00704Z WINCHESTER-SD7760-000-00704Z Datasheet
67Kb / 1P
   ENVIRONMENTAL BOOT AND CAP KIT SMPTE 304 PLUG
SD7760-000-00705Z WINCHESTER-SD7760-000-00705Z Datasheet
64Kb / 1P
   ENVIRONMENTAL BOOT AND CAP KIT SMPTE 304, JACK
SD7760-000-00706Z WINCHESTER-SD7760-000-00706Z Datasheet
90Kb / 1P
   FIBER TRI-LOC PLUG RUBBER CAP AND LANYARD
More results

Similar Description - SD7760-000-00702Z

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
7760-000-00701Z WINCHESTER-7760-000-00701Z Datasheet
112Kb / 1P
   KIT - CONTACT
SD7760-000-00701Z WINCHESTER-SD7760-000-00701Z Datasheet
112Kb / 1P
   KIT - CONTACT
SD7760-000-00703Z WINCHESTER-SD7760-000-00703Z Datasheet
117Kb / 1P
   KIT - CONTACT WITH CARTRIDGE
logo
Bud Industries, Inc.
HH-3442-C BUD-HH-3442-C Datasheet
52Kb / 1P
   AA BATTERY CONTACT KIT
logo
Winchester Electronics ...
7760-000-00703Z WINCHESTER-7760-000-00703Z Datasheet
117Kb / 1P
   KIT - CONTACT WITH CARTRIDGE
logo
Silicon Laboratories
UG124 SILABS-UG124 Datasheet
496Kb / 18P
   ZigBee Contact Sensor Reference Design Kit
logo
Harwin Plc
Z80-280 HARWIN-Z80-280 Datasheet
224Kb / 1P
   DATAMATE CRIMP CONTACT INSERTION / REMOVAL TOOL KIT
logo
List of Unclassifed Man...
NCVT1PKIT ETC-NCVT1PKIT Datasheet
348Kb / 1P
   Non-Contact Voltage and GFCI Receptacle Test Kit
logo
Winchester Electronics ...
SD7760-000-00711Z WINCHESTER-SD7760-000-00711Z Datasheet
116Kb / 1P
   PRE-POLISHED FIBER CONTACT KIT FOR FIBER OPTIC CAMERA JACK
SD7760-000-00709Z WINCHESTER-SD7760-000-00709Z Datasheet
121Kb / 1P
   KIT-CONTACT W/ PRE-POLISHED FIBER FOR FIBER OPTIC CAMERA JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com