Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM21LD16-60-BGTR Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # FM21LD16-60-BGTR
Description  2Mbit F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM21LD16-60-BGTR Datasheet(HTML) 1 Page - Cypress Semiconductor

  FM21LD16-60-BGTR Datasheet HTML 1Page - Cypress Semiconductor FM21LD16-60-BGTR Datasheet HTML 2Page - Cypress Semiconductor FM21LD16-60-BGTR Datasheet HTML 3Page - Cypress Semiconductor FM21LD16-60-BGTR Datasheet HTML 4Page - Cypress Semiconductor FM21LD16-60-BGTR Datasheet HTML 5Page - Cypress Semiconductor FM21LD16-60-BGTR Datasheet HTML 6Page - Cypress Semiconductor FM21LD16-60-BGTR Datasheet HTML 7Page - Cypress Semiconductor FM21LD16-60-BGTR Datasheet HTML 8Page - Cypress Semiconductor FM21LD16-60-BGTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
http://www.ramtron.com
Rev. 3.0
Oct. 2012
Page 1 of 15
FM21LD16
2Mbit F-RAM Memory
Features
2Mbit Ferroelectric Nonvolatile RAM
Organized as 128Kx16
Configurable as 256Kx8 Using /UB, /LB
10
14 Read/Write Cycles
NoDelay™ Writes
Page Mode Operation to 33MHz
Advanced High-Reliability Ferroelectric Process
SRAM Compatible
JEDEC 128Kx16 SRAM Pinout
60 ns Access Time, 110 ns Cycle Time
Advanced Features
Software Programmable Block Write Protect
Superior to Battery-backed SRAM Modules
No Battery Concerns
Monolithic Reliability
True Surface Mount Solution, No Rework Steps
Superior for Moisture, Shock, and Vibration
Low Power Operation
2.7V – 3.6V Power Supply
Low Standby Current (90µA typ.)
Low Active Current (8 mA typ.)
Industry Standard Configuration
Industrial Temperature -40 C to +85 C
48-ball “Green”/RoHS FBGA package
Pin compatible with FM22LD16 (4Mb) and
FM23MLD16 (8Mb)
Description
The FM21LD16 is a 128Kx16 nonvolatile memory
that reads and writes like a standard SRAM. A
ferroelectric random access memory or F-RAM is
nonvolatile, which means that data is retained after
power is removed. It provides data retention for over
10 years while eliminating the reliability concerns,
functional
disadvantages,
and
system
design
complexities of battery-backed SRAM (BBSRAM).
Fast write timing and high write endurance make the
F-RAM superior to other types of memory.
In-system operation of the FM21LD16 is very similar
to other RAM devices and can be used as a drop-in
replacement for standard SRAM. Read and write
cycles may be triggered by /CE or simply by
changing the address. The F-RAM memory is
nonvolatile due to its unique ferroelectric memory
process. These features make the FM21LD16 ideal
for
nonvolatile
memory
applications
requiring
frequent or rapid writes in the form of an SRAM.
The FM21LD16 includes a low voltage monitor that
blocks access to the memory array when VDD drops
below VDD min. The memory is protected against an
inadvertent access and data corruption under this
condition.
The
device
also
features
software-
controlled write protection. The memory array is
divided into 8 uniform blocks, each of which can be
individually write protected.
The device is available in a 48-ball FBGA package.
Device specifications are guaranteed over industrial
temperature range –40°C to +85°C.
Pin Configuration
/LB
/OE
A0
A1
A2
NC
DQ8
/UB
A3
A4
/CE
DQ0
DQ9
DQ10
A5
A6
DQ1
DQ2
VSS
DQ11
NC
A7
DQ3
VDD
VDD
DQ12
NC
A16
DQ4
VSS
DQ14
DQ13
A14
A15
DQ5
DQ6
DQ15
NC
A12
A13
/WE
DQ7
NC
A8
A9
A10
A11
NC
1
2
3
4
5
6
A
B
C
D
E
F
G
H
Top View (Ball Down)
Ordering Information
FM21LD16-60-BG
60 ns access, 48-ball
“Green”/RoHS FBGA
FM21LD16-60-BGTR
60 ns access, 48-ball
“Green”/RoHS FBGA,
Tape & Reel


Similar Part No. - FM21LD16-60-BGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM21LD16-60-BGTR RAMTRON-FM21LD16-60-BGTR Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
FM21LD16-60-BGTR RAMTRON-FM21LD16-60-BGTR Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
More results

Similar Description - FM21LD16-60-BGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
   8Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com