Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2X014LXI159T Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2X014LXI159T
Description  Low Jitter LVPECL Crystal Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2X014LXI159T Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2X014LXI159T_12 Datasheet HTML 1Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 2Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 3Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 4Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 5Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 6Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 7Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 8Page - Cypress Semiconductor CY2X014LXI159T_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY2X014
Document Number: 001-10179 Rev. *H
Page 5 of 15
Programming Description
The CY2X014 is a programmable device. Prior to being used in
an application, it must be programmed with the output frequency
and other variables described in Programming Variables. Two
different device types are available, each with its own
programming flow. They are described in the following sections.
Field-programmable CY2X014
Field programmable devices are shipped unprogrammed and
must be programmed before being installed on a printed circuit
board (PCB). Customers use CyClockWizard™ software to
specify the device configuration and generate a JEDEC
(extension .jed) programming file. Programming of samples and
prototype quantities is available using the CyClockWizard
software along with a CY3675-CLKMAKER1 CyClockMaker
Clock Programmer Kit with a CY3675-LCC6A socket adapter.
Cypress’s value-added distribution partners also provide
programming services. Field-programmable devices are
designated with an ‘F’ in the part number. They are intended for
quick prototyping and inventory reduction.
The software and programmer kit hardware can be downloaded
from www.cypress.com by clicking the hyperlinks in the previous
paragraph.
Factory-configured CY2X014
For ready-to-use devices, the CY2X014 is available with no field
programming required. Pre-configured devices (see Standard
and Application-Specific Factory Configurations) are available
for samples or orders, or a request for a custom configuration
can be made. All requests are submitted to the local Cypress
Field Application Engineer (FAE) or sales representative. After
the request is processed, the user receives a new part number,
samples, and datasheet with the programmed values. This part
number is used for additional sample requests and production
orders. The CY2X014 is one-time programmable (OTP).
Programming Variables
Output Frequency
The CY2X014 can synthesize a frequency to a resolution of one
part per million (ppm), but the actual accuracy of the output
frequency is limited by the accuracy of the integrated reference
crystal.
The CY2X014 has an output frequency range of 50 MHz to
690 MHz, but the range is not continuous. The CY2X014 cannot
generate frequencies in the ranges of 521 MHz to 529 MHz and
596 MHz to 617 MHz.
Pin 1: Output Enable (OE) or Power Down (PD#)
Pin 1 is programmed as either OE or PD#. The OE function is
used to enable or disable the CLK output quickly, but it does not
reduce core power consumption. The PD# function puts the
device into a low power state, but the wake-up takes longer
because the PLL must reacquire the lock.
Industrial versus Commercial Device Performance
Industrial and commercial devices have different internal
crystals. They have a potentially significant impact on
performance levels for applications requiring the lowest-possible
phase noise. CyClockWIzard software allows the user to select
between and view the expected performance of both options.
Table 1. Device Programming Variables
Variable
Output frequency
Pin 1 function (OE or PD#)
Temperature range (commercial or industrial)


Similar Part No. - CY2X014LXI159T_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X014LXIxxxT CYPRESS-CY2X014LXIxxxT Datasheet
359Kb / 9P
   6-Pin Ceramic LCC SMD - Tape and Reel
More results

Similar Description - CY2X014LXI159T_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X014_V2 CYPRESS-CY2X014_V2 Datasheet
410Kb / 14P
   Low Jitter LVPECL Crystal Oscillator
CY2X014 CYPRESS-CY2X014 Datasheet
630Kb / 16P
   Low Jitter LVPECL Crystal Oscillator
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
logo
Micrel Semiconductor
DSC2020 MICREL-DSC2020 Datasheet
629Kb / 5P
   Low-Jitter Configurable LVPECL Oscillator
DSC1102 MICREL-DSC1102 Datasheet
599Kb / 7P
   Low-Jitter Precision LVPECL Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com