Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2X014LXI132T Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2X014LXI132T
Description  Low Jitter LVPECL Crystal Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2X014LXI132T Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2X014LXI132T_12 Datasheet HTML 1Page - Cypress Semiconductor CY2X014LXI132T_12 Datasheet HTML 2Page - Cypress Semiconductor CY2X014LXI132T_12 Datasheet HTML 3Page - Cypress Semiconductor CY2X014LXI132T_12 Datasheet HTML 4Page - Cypress Semiconductor CY2X014LXI132T_12 Datasheet HTML 5Page - Cypress Semiconductor CY2X014LXI132T_12 Datasheet HTML 6Page - Cypress Semiconductor CY2X014LXI132T_12 Datasheet HTML 7Page - Cypress Semiconductor CY2X014LXI132T_12 Datasheet HTML 8Page - Cypress Semiconductor CY2X014LXI132T_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CY2X014
Low Jitter LVPECL Crystal Oscillator
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-10179 Rev. *H
Revised October 5, 2012
Low Jitter LVPECL Crystal Oscillator
Features
Low jitter crystal oscillator (XO)
Less than 1 ps typical root mean square (RMS) phase jitter
Differential low-voltage positive emitter coupled logic
(LVPECL) output
Output frequency from 50 MHz to 690 MHz
Factory-configured or field-programmable
Integrated phase-locked loop (PLL)
Output enable or power-down function
Supply voltage: 3.3 V or 2.5 V
Pb-free package: 5.0 x 3.2 mm leadless chip carrier (LCC)
Commercial and industrial temperature ranges
Functional Description
The CY2X014 is a high-performance and high-frequency XO.
The device uses a Cypress proprietary low-noise PLL to
synthesize the frequency from an embedded crystal.
The CY2X014 is available as a factory-configured device or as
a field-programmable device. Factory-configured devices are
configured
for
general
use
(see
Standard
and
Application-Specific Factory Configurations) or they can be
customer specific.
Logic Block Diagram
PROGRAMMABLE
CONFIGURATION
OUTPUT
DIVIDER
1
6
3
VDD
VSS
OE/PD#
CRYSTAL
OSCILLATOR
LOW-NOISE
PLL
4
CLK
5
CLK#


Similar Part No. - CY2X014LXI132T_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X014LXIxxxT CYPRESS-CY2X014LXIxxxT Datasheet
359Kb / 9P
   6-Pin Ceramic LCC SMD - Tape and Reel
More results

Similar Description - CY2X014LXI132T_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X014_V2 CYPRESS-CY2X014_V2 Datasheet
410Kb / 14P
   Low Jitter LVPECL Crystal Oscillator
CY2X014 CYPRESS-CY2X014 Datasheet
630Kb / 16P
   Low Jitter LVPECL Crystal Oscillator
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
logo
Micrel Semiconductor
DSC2020 MICREL-DSC2020 Datasheet
629Kb / 5P
   Low-Jitter Configurable LVPECL Oscillator
DSC1102 MICREL-DSC1102 Datasheet
599Kb / 7P
   Low-Jitter Precision LVPECL Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com