Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1311KV18 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1311KV18
Description  18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1311KV18 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1311KV18_12 Datasheet HTML 2Page - Cypress Semiconductor CY7C1311KV18_12 Datasheet HTML 3Page - Cypress Semiconductor CY7C1311KV18_12 Datasheet HTML 4Page - Cypress Semiconductor CY7C1311KV18_12 Datasheet HTML 5Page - Cypress Semiconductor CY7C1311KV18_12 Datasheet HTML 6Page - Cypress Semiconductor CY7C1311KV18_12 Datasheet HTML 7Page - Cypress Semiconductor CY7C1311KV18_12 Datasheet HTML 8Page - Cypress Semiconductor CY7C1311KV18_12 Datasheet HTML 9Page - Cypress Semiconductor CY7C1311KV18_12 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
CY7C1311KV18, CY7C1911KV18
CY7C1313KV18, CY7C1315KV18
Document Number: 001-58904 Rev. *E
Page 6 of 32
CY7C1313KV18 (1 M × 18)
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC/144M NC/36M
WPS
BWS1
K
NC/288M
RPS
A
NC/72M
CQ
B
NC
Q9
D9
A
NC
K
BWS0
A
NC
NC
Q8
C
NC
NC
D10
VSS
A
NC
A
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
DOFF
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
A
A
A
VSS
NC
NC
D1
P
NC
NC
Q17
A
A
C
A
A
NC
D0
Q0
R
TDO
TCK
A
A
A
C
A
A
A
TMS
TDI
CY7C1315KV18 (512 K × 36)
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC/288M NC/72M
WPS
BWS2
K
BWS1
RPS
NC/36M NC/144M
CQ
B
Q27
Q18
D18
A
BWS3
K
BWS0
A
D17
Q17
Q8
C
D27
Q28
D19
VSS
A
NC
A
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
DOFF
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
A
A
A
VSS
Q10
D9
D1
P
Q35
D35
Q26
A
A
C
A
A
Q9
D0
Q0
R
TDO
TCK
A
A
A
C
A
A
A
TMS
TDI
Pin Configurations (continued)
The pin configurations for CY7C1311KV18, CY7C1911KV18, CY7C1313KV18, and CY7C1315KV18 follow. [1]
Figure 1. 165-ball FBGA (13 × 15 × 1.4 mm) pinout


Similar Part No. - CY7C1311KV18_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1311KV18 CYPRESS-CY7C1311KV18 Datasheet
1Mb / 33P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
More results

Similar Description - CY7C1311KV18_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1311KV18 CYPRESS-CY7C1311KV18 Datasheet
1Mb / 33P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1411KV18 CYPRESS-CY7C1411KV18_12 Datasheet
936Kb / 35P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1613KV18 CYPRESS-CY7C1613KV18 Datasheet
867Kb / 32P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1313CV18 CYPRESS-CY7C1313CV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM 4-Word Burst Architecture
CY7C13101KV18 CYPRESS-CY7C13101KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1310KV18 CYPRESS-CY7C1310KV18 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312BV18 CYPRESS-CY7C1312BV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312CV18 CYPRESS-CY7C1312CV18_11 Datasheet
1Mb / 26P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1161KV18 CYPRESS-CY7C1161KV18 Datasheet
881Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1143KV18 CYPRESS-CY7C1143KV18 Datasheet
619Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com