Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83194R-17 Datasheet(PDF) 5 Page - Winbond

Part # W83194R-17
Description  100MHZ AGP CLOCK FOR SIS CHIPSET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194R-17 Datasheet(HTML) 5 Page - Winbond

  W83194R-17 Datasheet HTML 1Page - Winbond W83194R-17 Datasheet HTML 2Page - Winbond W83194R-17 Datasheet HTML 3Page - Winbond W83194R-17 Datasheet HTML 4Page - Winbond W83194R-17 Datasheet HTML 5Page - Winbond W83194R-17 Datasheet HTML 6Page - Winbond W83194R-17 Datasheet HTML 7Page - Winbond W83194R-17 Datasheet HTML 8Page - Winbond W83194R-17 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
W83194R-17/-17A
PRELIMINARY
Publication Release Date: Sep. 1998
- 5 -
Revision 0.20
5.5 Power Pins
SYMBOL
PIN
FUNCTION
Vdd
1
Power supply for REF0 crystal and core logic.
Vddq2
42
Power supply for AGP1, REF1either 2.5V or 3.3V.
Vddq2b
48
Power supply for CPUCLK[0:3], either 2.5V or 3.3V
Vddq3
6,14,19, 30, 36
Power supply for SDRAM, PCICLK and 48/24MHz
outputs.
Vss
3,9,16,22,27,
33,39,45
Circuit Ground.
6.0 FREQUENCY SELECTION
6.1 W83194R-17 FREQUECY TABLE
FS2
FS1
FS0
CPU,SDRAM
(MHz)
PCI (MHz)
AGP (MHz)
REF (MHz)
0
0
0
60
30
60
14.318
0
0
1
66.8
33.4
66.8
14.318
0
1
0
68.5
34.25
68.5
14.318
0
1
1
75
37.5
75
14.318
1
0
0
75
32
64
14.318
1
0
1
83.3
33.3
66.6
14.318
1
1
0
90
30
60
14.318
1
1
1
100
33.3
66.6
14.318
6.2 W83194R-17A FREQUECY TABLE
FS2
FS1
FS0
CPU,SDRAM
(MHz)
PCI (MHz)
AGP (MHz)
REF (MHz)
0
0
0
112
37.3
74.7
14.318
0
0
1
66.8
33.4
66.8
14.318
0
1
0
124
31
62
14.318
0
1
1
75
37.5
75
14.318
1
0
0
133.3
33.3
66.6
14.318
1
0
1
83.3
33.3
66.6
14.318
1
1
0
95.25
31.75
63.5
14.318
1
1
1
100.2
33.4
66.8
14.318


Similar Part No. - W83194R-17

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-37 WINBOND-W83194R-37 Datasheet
267Kb / 19P
   100 MHZ AGP CLOCK FOR VIA CHIPSET
W83194R-39 WINBOND-W83194R-39 Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
W83194R-39A WINBOND-W83194R-39A Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
W83194R-58 WINBOND-W83194R-58 Datasheet
267Kb / 19P
   100 MHZ AGP CLOCK FOR VIA CHIPSET
W83194R-58A WINBOND-W83194R-58A Datasheet
182Kb / 13P
   100MHZ AGP CLOCK FOR VIA CHIPSET
More results

Similar Description - W83194R-17

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-81 WINBOND-W83194R-81 Datasheet
231Kb / 18P
   100MHZ CLOCK FOR SIS CHIPSET
W83194R-58A WINBOND-W83194R-58A Datasheet
182Kb / 13P
   100MHZ AGP CLOCK FOR VIA CHIPSET
W83194BR-730 WINBOND-W83194BR-730 Datasheet
113Kb / 14P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-630A WINBOND-W83194R-630A Datasheet
159Kb / 11P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-630 WINBOND-W83194R-630_07 Datasheet
217Kb / 15P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-730 WINBOND-W83194BR-730_05 Datasheet
212Kb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-640 WINBOND-W83194BR-640 Datasheet
1Mb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-703 WINBOND-W83194BR-703 Datasheet
741Kb / 28P
   STEPLESS CLOCK FOR SIS 741 CHIPSET
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
W83194R-37 WINBOND-W83194R-37 Datasheet
267Kb / 19P
   100 MHZ AGP CLOCK FOR VIA CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com