Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83194BR-KT Datasheet(PDF) 9 Page - Winbond

Part # W83194BR-KT
Description  STEP-LESS 3-DIMM K7 CLOCK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194BR-KT Datasheet(HTML) 9 Page - Winbond

Back Button W83194BR-KT Datasheet HTML 5Page - Winbond W83194BR-KT Datasheet HTML 6Page - Winbond W83194BR-KT Datasheet HTML 7Page - Winbond W83194BR-KT Datasheet HTML 8Page - Winbond W83194BR-KT Datasheet HTML 9Page - Winbond W83194BR-KT Datasheet HTML 10Page - Winbond W83194BR-KT Datasheet HTML 11Page - Winbond W83194BR-KT Datasheet HTML 12Page - Winbond W83194BR-KT Datasheet HTML 13Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
W83194BR-KT
PRELIMINARY
Publication Release Date: June 2000
- 9 -
Revision 0.43
7.2.2 Register 1 : CPU Clock Register (1 = enable, 0 = Stopped)
Bit
@PowerUp
Pin
Description
7
1
-
Reserved
6
1
-
1=center type S.S.T.
0= 0-0.5% down type S.S.T.
5
0
-
0 = Normal
1 = Spread Spectrum enabled
4
0
-
0 = ±0.25% Spread Spectrum Modulation
1 = ±0.5% Spread Spectrum Modulation
3
1
-
Reserved
2
1
40
SDRAM12 (Active / Inactive)
1
1
43
44
CPUT0
CPUC0 (Active / Inactive)
0
1
46
CPUT_CS (Active / Inactive)
7.2.3 Register 2: PCI Clock Register (1 = enable, 0 = Stopped)
Bit
@PowerUp
Pin
Description
7
1
-
Reserved
6
1
7
PCICLK_F (Active / Inactive)
5
1
-
Reserved
4
1
13
PCICLK5 (Active / Inactive)
3
1
12
PCICLK4 (Active / Inactive)
2
1
11
PCICLK3 (Active / Inactive)
1
1
10
PCICLK2 (Active / Inactive)
0
1
8
PCICLK1 (Active / Inactive)
7.2.4 Register 3: SDRAM, 24MHz, 48MHz Clock Register ( 1 = enable, 0 = Stopped )
Bit
@PowerUp
Pin
Description
7
1
48
REF1 (Active / Inactive)
6
1
2
REF0 (Active / Inactive)
5
1
26
48MHz (Active / Inactive)
4
1
25
24_48MHz (Active / Inactive)
3
1
17
SDRAM11 (Active / Inactive)
2
1
18
SDRAM10 (Active / Inactive)
1
1
20
SDRAM 9 (Active / Inactive)
0
1
21
SDRAM 8 (Active / Inactive)


Similar Part No. - W83194BR-KT

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-KX WINBOND-W83194BR-KX Datasheet
170Kb / 12P
   STEP-LESS 3-DIMM K7 CLOCK
More results

Similar Description - W83194BR-KT

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-KX WINBOND-W83194BR-KX Datasheet
170Kb / 12P
   STEP-LESS 3-DIMM K7 CLOCK
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
W83194R-39 WINBOND-W83194R-39 Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
logo
Integrated Circuit Syst...
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
   AMD - K7 System Clock Chip
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
   AMD - K7??System Clock Chip
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
   AMD-K7 System Clock Chip
logo
Winbond
W83193R-02 WINBOND-W83193R-02 Datasheet
244Kb / 18P
   83.3 MHZ 3-DIMM CLOCK
logo
Integrated Circuit Syst...
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
   AMD - K7??System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com