Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US2302 Datasheet(PDF) 6 Page - Unitpower Technology Limited

Part # US2302
Description  N-Ch 20V Fast Switching MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

US2302 Datasheet(HTML) 6 Page - Unitpower Technology Limited

  US2302 Datasheet HTML 1Page - Unitpower Technology Limited US2302 Datasheet HTML 2Page - Unitpower Technology Limited US2302 Datasheet HTML 3Page - Unitpower Technology Limited US2302 Datasheet HTML 4Page - Unitpower Technology Limited US2302 Datasheet HTML 5Page - Unitpower Technology Limited US2302 Datasheet HTML 6Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Typical Characteristics
N-Ch 20V Fast Switching MOSFETs
6
SOT-23
L
VIEW A
GAUGE PLANE
SEATING PLANE
e
D
SEE
VIEW A
b
c
e1
MAX.
0.057
0.051
0.024
0.006
0.009
0.020
0.012
L
0.30
0
e
e1
E1
E
D
c
b
0.08
0.30
0.60
0.012
0.95 BSC
1.90 BSC
0.22
0.50
0.037 BSC
0.075 BSC
0.003
MIN.
MILLIMETERS
S
Y
M
B
O
L
A1
A2
A
0.00
0.90
SOT-23
MAX.
1.45
0.15
1.30
MIN.
0.000
0.035
INCHES
°
8
°
0
°
8
°
0
1.40
2.60
1.80
3.00
2.70
3.10
0.122
0.071
0.118
0.102
0.055
0.106
Note : Dimension D and E1 do not include mold flash, protrusions or gate
burrs. Mold flash, protrusion or gate burrs shall not exceed 10 mil
per side.
US2302


Similar Part No. - US2302

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
US2302 XINDEYI-US2302 Datasheet
1Mb / 6P
   N-Ch 20V Fast Switching MOSFETs
More results

Similar Description - US2302

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
QM2402K UPI-QM2402K Datasheet
236Kb / 5P
   N-Ch 20V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN2510 PACELEADER-PKN2510 Datasheet
1Mb / 5P
   N-Ch 20V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
US2302 XINDEYI-US2302 Datasheet
1Mb / 6P
   N-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM9926 UNITPOWER-UM9926 Datasheet
966Kb / 4P
   N-Ch 20V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKCE2530 FETEK-FKCE2530 Datasheet
806Kb / 5P
   N-Ch 20V Fast Switching MOSFETs
Ver : A
logo
ShenZhen XinDeYi Electr...
UM9926 XINDEYI-UM9926 Datasheet
966Kb / 4P
   N-Ch 20V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN2544 PACELEADER-PKN2544 Datasheet
1Mb / 5P
   N-Ch 20V Fast Switching MOSFETs
logo
uPI Group Inc.
QM2402J UPI-QM2402J Datasheet
250Kb / 4P
   N-Ch 20V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKUA2544 FETEK-FKUA2544 Datasheet
716Kb / 5P
   N-Ch 20V Fast Switching MOSFETs
Ver : A
logo
ShenZhen XinDeYi Electr...
UD2410 XINDEYI-UD2410 Datasheet
875Kb / 4P
   N-Ch 20V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com