Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM4805 Datasheet(PDF) 4 Page - Unitpower Technology Limited

Part # UM4805
Description  Dual P-Ch 30V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UM4805 Datasheet(HTML) 4 Page - Unitpower Technology Limited

  UM4805 Datasheet HTML 1Page - Unitpower Technology Limited UM4805 Datasheet HTML 2Page - Unitpower Technology Limited UM4805 Datasheet HTML 3Page - Unitpower Technology Limited UM4805 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
UM4805
Dual P-Ch 30V Fast Switching MOSFETs
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
-Qg (nC)
Figure 7: Gate-Charge Characteristics
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
25
30
-VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
10
20
30
40
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Coss
Crss
0.1
1.0
10.0
100.0
0.1
1
10
100
-VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100 s
10ms
1ms
0.1s
1s
10s
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
VDS=-15V
ID=-8A
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.Z JA.R JA
R JA=62.5°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TA=25°C
10 s


Similar Part No. - UM4805

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM4803 UNITPOWER-UM4803 Datasheet
1Mb / 7P
   N-Ch and P-Ch Fast Switching MOSFETs
More results

Similar Description - UM4805

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UM4953 XINDEYI-UM4953 Datasheet
1Mb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM3203 UNITPOWER-UM3203 Datasheet
871Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
UM3201 XINDEYI-UM3201 Datasheet
812Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
UM3203 XINDEYI-UM3203 Datasheet
871Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM4953 UNITPOWER-UM4953 Datasheet
1Mb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3201S UPI-QM3201S Datasheet
370Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM3201 UNITPOWER-UM3201 Datasheet
812Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKS3301 FETEK-FKS3301 Datasheet
581Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
Ver : A
FKS3303 FETEK-FKS3303 Datasheet
611Kb / 4P
   Dual P-Ch 30V Fast Switching MOSFETs
Ver : A
logo
Unitpower Technology Li...
UD3003 UNITPOWER-UD3003 Datasheet
757Kb / 4P
   P-Ch 30V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com