Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83194BR-730 Datasheet(PDF) 9 Page - Winbond

Part # W83194BR-730
Description  166MHZ CLOCK FOR SIS CHIPSET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194BR-730 Datasheet(HTML) 9 Page - Winbond

Back Button W83194BR-730 Datasheet HTML 5Page - Winbond W83194BR-730 Datasheet HTML 6Page - Winbond W83194BR-730 Datasheet HTML 7Page - Winbond W83194BR-730 Datasheet HTML 8Page - Winbond W83194BR-730 Datasheet HTML 9Page - Winbond W83194BR-730 Datasheet HTML 10Page - Winbond W83194BR-730 Datasheet HTML 11Page - Winbond W83194BR-730 Datasheet HTML 12Page - Winbond W83194BR-730 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
W83194BR-730
PRELIMINARY
Publication Release Date:Oct. 2000
- 9 -
Revision 0.60
5.4 Register 3: SDRAM Clock Additional Register (1 = Active, 0 = Inactive)
Bit
@PowerUp
Pin
Description
7
1
33
SDRAM7 (Active / Inactive)
6
1
34
SDRAM6 (Active / Inactive)
5
1
36
SDRAM5 (Active / Inactive)
4
1
37
SDRAM4 (Active / Inactive)
3
1
38
SDRAM3 (Active / Inactive)
2
1
40
SDRAM2 (Active / Inactive)
1
1
41
SDRAM1 (Active / Inactive)
0
1
42
SDRAM0 (Active / Inactive)
5.5 Register 4: SDRAM Clock Additional Register (1 = Active, 0 = Inactive)
Bit
@PowerUp
Pin
Description
7
X
-
AGPSEL#
6
X
-
FS3#
5
X
-
FS2#
4
X
-
FS1#
3
X
-
FS0#
2
1
28
SDRAM10 (Active / Inactive)
1
1
30
SDRAM9 (Active / Inactive)
0
1
31
SDRAM8 (Active / Inactive)
5.6 Register 5: Skew Register
Bit
@PowerUp
Pin
Description
7
1
-
CSkew2 (SDRAM to CPU skew program bit)
6
0
-
CSkew1 (SDRAM to CPU skew program bit)
5
0
-
CSkew0 (SDRAM to CPU skew program bit)
4
1
-
CAkew2 (AGP to CPU skew program bit)
3
0
-
CAkew1 (AGP to CPU skew program bit)
2
0
-
CAkew0 (AGP to CPU skew program bit)
1
1
21
24_48MHz(Active / Inactive)
0
1
20
48MHz(Active / Inactive)


Similar Part No. - W83194BR-730

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-730 WINBOND-W83194BR-730 Datasheet
212Kb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-730 WINBOND-W83194BR-730_05 Datasheet
212Kb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
More results

Similar Description - W83194BR-730

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-630A WINBOND-W83194R-630A Datasheet
159Kb / 11P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-630 WINBOND-W83194R-630_07 Datasheet
217Kb / 15P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-730 WINBOND-W83194BR-730_05 Datasheet
212Kb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-640 WINBOND-W83194BR-640 Datasheet
1Mb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-81 WINBOND-W83194R-81 Datasheet
231Kb / 18P
   100MHZ CLOCK FOR SIS CHIPSET
W83194BR-703 WINBOND-W83194BR-703 Datasheet
741Kb / 28P
   STEPLESS CLOCK FOR SIS 741 CHIPSET
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
W83194R-17 WINBOND-W83194R-17 Datasheet
272Kb / 21P
   100MHZ AGP CLOCK FOR SIS CHIPSET
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
   CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
W83194BR-645 WINBOND-W83194BR-645 Datasheet
308Kb / 24P
   CLOCK GENERATOR FOR SIS 645/650 CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com