Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM3202 Datasheet(PDF) 2 Page - Unitpower Technology Limited

Part # UM3202
Description  Dual N-Ch 30V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UM3202 Datasheet(HTML) 2 Page - Unitpower Technology Limited

  UM3202 Datasheet HTML 1Page - Unitpower Technology Limited UM3202 Datasheet HTML 2Page - Unitpower Technology Limited UM3202 Datasheet HTML 3Page - Unitpower Technology Limited UM3202 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Dual N-Ch 30V Fast Switching MOSFETs
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
30
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.034
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V , ID=7A
---
13
18
m
Ω
VGS=4.5V , ID=4A
---
20
28
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.2
1.5
2.5
V
VGS(th)
VGS(th) Temperature Coefficient
---
-5.8
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=24V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=24V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=7A
---
6
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
2.5
5
Ω
Qg
Total Gate Charge (4.5V)
VDS=15V , VGS=4.5V , ID=7A
---
6
8.4
nC
Qgs
Gate-Source Charge
---
2.5
3.5
Qgd
Gate-Drain Charge
---
2.1
2.9
Td(on)
Turn-On Delay Time
VDD=15V , VGS=10V , RG=3.3Ω
ID=7A
---
2.4
4.8
ns
Tr
Rise Time
---
7.8
14
Td(off)
Turn-Off Delay Time
---
22
44
Tf
Fall Time
---
4
8
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
572
801
pF
Coss
Output Capacitance
---
80
112
Crss
Reverse Transfer Capacitance
---
65
91
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EAS
Single Pulse Avalanche Energy
5
VDD=25V , L=0.1mH , IAS=10A
16
---
---
mJ
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
VG=VD=0V , Force Current
---
---
7.3
A
ISM
Pulsed Source Current
2,6
---
---
37
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=1A , TJ=25℃
---
---
1.2
V
trr
Reverse Recovery Time
IF=7A , dI/dt=100A/µs , TJ=25℃
---
20
---
nS
Qrr
Reverse Recovery Charge
---
1.1
---
nC
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=21A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
Guaranteed Avalanche Characteristics
UM3202


Similar Part No. - UM3202

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202A UNIONSEMI-UM3202A Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202A UNIONSEMI-UM3202A Datasheet
363Kb / 15P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202H UNIONSEMI-UM3202H Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results

Similar Description - UM3202

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
QM3202S UPI-QM3202S Datasheet
319Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKS3204 FETEK-FKS3204 Datasheet
776Kb / 5P
   Dual N-ch 30V Fast Switching MOSFETs
Ver : A
logo
uPI Group Inc.
QM3214S UPI-QM3214S Datasheet
297Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBB3252 FETEK-FKBB3252 Datasheet
477Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
Ver : A
FKS3202 FETEK-FKS3202 Datasheet
669Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
Ver : A
FKQ3208 FETEK-FKQ3208 Datasheet
341Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
Ver : B
logo
uPI Group Inc.
QM3202M3 UPI-QM3202M3 Datasheet
204Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBB3202 FETEK-FKBB3202 Datasheet
474Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
Ver : A
FKS3206 FETEK-FKS3206 Datasheet
568Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
Ver : A
FKS3208 FETEK-FKS3208 Datasheet
568Kb / 4P
   Dual N-Ch 30V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com