Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83193R-01 Datasheet(PDF) 10 Page - Winbond

Part # W83193R-01
Description  83.MHZ 3-DIMM CLOCK
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83193R-01 Datasheet(HTML) 10 Page - Winbond

Back Button W83193R-01 Datasheet HTML 6Page - Winbond W83193R-01 Datasheet HTML 7Page - Winbond W83193R-01 Datasheet HTML 8Page - Winbond W83193R-01 Datasheet HTML 9Page - Winbond W83193R-01 Datasheet HTML 10Page - Winbond W83193R-01 Datasheet HTML 11Page - Winbond W83193R-01 Datasheet HTML 12Page - Winbond W83193R-01 Datasheet HTML 13Page - Winbond W83193R-01 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
W83193R-01
PRELIMINARY
Publication Release Date: May 1998
- 10 -
Revision 0.20
8.0 SPECIFICATIONS
8.1 ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed in this table may cause permanent damage to the device.
Precautions should be taken to avoid application of any voltage higher than the maximum rated
voltages to this circuit. Maximum conditions for extended periods may affect reliability.
Unused
inputs must always be tied to an appropriate logic voltage level (Ground or Vdd).
Symbol
Parameter
Rating
Vdd , VIN
Voltage on any pin with respect to GND
- 0.5 V to + 7.0 V
TSTG
Storage Temperature
- 65
°C to + 150°C
TB
Ambient Temperature
- 55
°C to + 125°C
TA
Operating Temperature
0
°C to + 70°C
8.2 AC CHARACTERISTICS
Vdd = Vddq3 = 3.3V
± 5 %, Vddq2= 2.375V~2.9V , TA = 0°C to +70°C
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Output Duty Cycle
45
50
55
%
Measured at 1.5V
CPU/SDRAM to PCI Offset
tOFF
1
4
ns
15 pF Load Measured at 1.5V
Skew
(CPU-CPU),
(PCI-
PCI), (SDRAM-SDRAM)
tSKEW
250
ps
15 pF Load Measured at 1.5V
CPU/SDRAM
Cycle to Cycle Jitter
tCCJ
¡Ó250
ps
CPU/SDRAM
Absolute Jitter
tJA
500
ps
Jitter Spectrum 20 dB
Bandwidth from Center
BWJ
500
KHz
Output Rise (0.4V ~ 2.0V)
& Fall (2.0V ~0.4V) Time
tTLH
tTHL
0.4
1.6
ns
15 pF Load on CPU and PCI
outputs
Overshoot/Undershoot
Beyond Power Rails
Vover
0.7
1.5
V
22
Ω at source of 8 inch PCB
run to 15 pF load
Ring Back Exclusion
VRBE
0.7
2.1
V
Ring Back must not enter this
range.


Similar Part No. - W83193R-01

ManufacturerPart #DatasheetDescription
logo
Winbond
W83193R-02 WINBOND-W83193R-02 Datasheet
244Kb / 18P
   83.3 MHZ 3-DIMM CLOCK
W83193R-04 WINBOND-W83193R-04 Datasheet
244Kb / 18P
   83.3 MHZ 3-DIMM CLOCK
W83193R-04A WINBOND-W83193R-04A Datasheet
244Kb / 18P
   83.3 MHZ 3-DIMM CLOCK
More results

Similar Description - W83193R-01

ManufacturerPart #DatasheetDescription
logo
Winbond
W83193R-02 WINBOND-W83193R-02 Datasheet
244Kb / 18P
   83.3 MHZ 3-DIMM CLOCK
W83194R-39 WINBOND-W83194R-39 Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
W83194BR-KX WINBOND-W83194BR-KX Datasheet
170Kb / 12P
   STEP-LESS 3-DIMM K7 CLOCK
W83194BR-KT WINBOND-W83194BR-KT Datasheet
177Kb / 13P
   STEP-LESS 3-DIMM K7 CLOCK
logo
Cypress Semiconductor
W48S87-04 CYPRESS-W48S87-04 Datasheet
201Kb / 21P
   Spread Spectrum 3 DIMM Desktop Clock
logo
Winbond
W83195AR-WE WINBOND-W83195AR-WE Datasheet
178Kb / 10P
   200MHZ 3-DIMM CLOCK FOR WHITNEY CHIPSET
W83195BR-25 WINBOND-W83195BR-25 Datasheet
264Kb / 18P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83194R-67A WINBOND-W83194R-67A Datasheet
237Kb / 18P
   100MHZ 3-DIMM CLOCK FOR VIA MVP4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com