Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPMA10011002FTS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MPMA10011002FTS
Description  Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPMA10011002FTS Datasheet(HTML) 1 Page - Vishay Siliconix

  MPMA10011002FTS Datasheet HTML 1Page - Vishay Siliconix MPMA10011002FTS Datasheet HTML 2Page - Vishay Siliconix MPMA10011002FTS Datasheet HTML 3Page - Vishay Siliconix MPMA10011002FTS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MPMA (Divider)
www.vishay.com
Vishay Thin Film
Revision: 03-Dec-12
1
Document Number: 60113
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor,
Surface Mount Network, AEC-Q200 Qualified
Vishay Thin Film MPMA Series dividers provide ± 2 ppm/°C
tracking and a ratio tolerance as tight as ± 0.05 %, small
size, and exceptional stability for all surface mount
applications. The standard SOT-23 package format with
unity and common standard resistance divider ratios
provide easy selection for most applications requiring
matched pair resistor elements. MPMA is AEC-Q200
qualified
and
ideal
for
high
precision
automotive
applications. The ratios listed are available for off the shelf
delivery. If you require a non-standard ratio, consult the
applications engineering group as we may be able to meet
your requirements.
SCHEMATIC
FEATURES
• AEC-Q200 qualified
• Resistance range 1 k
 to 50 k
• Excellent long term ratio stability ± 0.08 % over
1000 h, 125 °C
• Ratio tolerances to ± 0.05 %
• Low TCR tracking ± 2 ppm
• Very low noise and voltage coefficient
(< - 30 dB, 0.1 ppm/V)
• Standard JEDEC TO-236 package variation AB
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL PERFORMANCE
3
12
R
1
R
2
ABSOLUTE
TRACKING
TCR
25
2
ABSOLUTE
RATIO
TOL.
0.1
0.05
STANDARD DIVIDER RATIO (R2/R1)
RATIO
R2 ()R1 ()
50:1
50K
1K
25:1
25K
1K
20:1
20K
1K
10:1
10K
1K
9:1
9K
1K
6:1
6K
1K
5:1
10K
2K
5:1
5K
1K
4:1
8K
2K
4:1
4K
1K
2:1
10K
5K
2:1
2K
1K
1:1
50K
50K
1:1
25K
25K
1:1
10K
10K
1:1
5K
5K
1:1
2.5K
2.5K
1:1
1K
1K
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Ta2N
-
Pin/Lead Number
3-
Resistance Range
1 k
 to 50 k per resistor
-
TCR: Absolute
± 25 ppm/°C
- 55 °C to + 125 °C
TCR: Tracking
± 2 ppm/°C (typical)
- 55 °C to + 125 °C
Tolerance: Absolute
± 0.1 % to ± 1.0 %
+ 25 °C
Tolerance: Ratio
± 0.05 % to 0.5 %
+ 25 °C
Power Rating: Resistor
100 mW
Maximum at + 70 °C
Power Rating: Package
200 mW
Maximum at + 70 °C
Stability: Absolute
± 0.3 %
1000 h at + 125 °C
Stability: Ratio
± 0.08 %
1000 h at + 125 °C
Voltage Coefficient
0.1 ppm/V
-
Working Voltage
100 V max. not to exceed
-
Operating Temperature Range
- 55 °C to + 155 °C
-
Storage Temperature Range
- 55 °C to + 155 °C
-
Noise
< - 30 dB
-
Thermal EMF
0.2 μV/°C
-
Shelf Life Stability: Absolute
R/R ± 0.01 %
1 year at + 25 °C
Shelf Life Stability: Ratio
R/R ± 0.002 %
1 year at + 25 °C
P x R


Similar Part No. - MPMA10011002FTS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPMA1002AT1 VISHAY-MPMA1002AT1 Datasheet
103Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
Revision: 03-Nov-15
MPMA1002AT5 VISHAY-MPMA1002AT5 Datasheet
103Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
Revision: 03-Nov-15
MPMA1002ATF VISHAY-MPMA1002ATF Datasheet
103Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
Revision: 03-Nov-15
MPMA1002ATP VISHAY-MPMA1002ATP Datasheet
103Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
Revision: 03-Nov-15
MPMA1002ATS VISHAY-MPMA1002ATS Datasheet
103Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
Revision: 03-Nov-15
More results

Similar Description - MPMA10011002FTS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPMA VISHAY-MPMA Datasheet
103Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
Revision: 03-Nov-15
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
   Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
Revision: 12-Jul-13
MPM VISHAY-MPM Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
   Molded, SOT-23 Resistor/Capacitor Network
Revision: 01-Jul-08
MPMT2001AT5 VISHAY-MPMT2001AT5 Datasheet
290Kb / 3P
   Molded, SOT-23 Resistor, Surface Mount Network
Revision: 25-Jan-10
logo
TE Connectivity Ltd
CPF-A TEC-CPF-A Datasheet
745Kb / 6P
   Automotive Grade Thin Film Chip Resistor
logo
Texas Instruments
RES11A-Q1 TI-RES11A-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
OCTOBER 2023
logo
Vishay Siliconix
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
MIF VISHAY-MIF Datasheet
84Kb / 3P
   Thin Film Microwave Resistor
Revision: 02-May-13
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
   THIN FILM RESISTOR SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com