Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78LE52 Datasheet(PDF) 10 Page - Winbond

Part # W78LE52
Description  8-BIT MTP MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE52 Datasheet(HTML) 10 Page - Winbond

Back Button W78LE52 Datasheet HTML 6Page - Winbond W78LE52 Datasheet HTML 7Page - Winbond W78LE52 Datasheet HTML 8Page - Winbond W78LE52 Datasheet HTML 9Page - Winbond W78LE52 Datasheet HTML 10Page - Winbond W78LE52 Datasheet HTML 11Page - Winbond W78LE52 Datasheet HTML 12Page - Winbond W78LE52 Datasheet HTML 13Page - Winbond W78LE52 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Preliminary W78LE52
- 10 -
PROGRAM/ERASE INHIBIT OPERATION
This operation allows parallel erasing or programming of multiple chips with different data. When
P3.6( CE ) = VIH, P3.7( OE ) = VIH, erasing or programming of non-targeted chips is inhibited. So,
except for the P3.6 and P3.7 pins, the individual chips may have common inputs.
COMPANY/DEVICE ID READ OPERATION
This operation is supported for MTP ROM programmer to get the company ID or device ID on the
W78LE52.
OPERATIONS
P3.0
(A9
CTRL)
P3.1
(A13
CTRL)
P3.2
(A14
CTRL)
P3.3
(OE
CTRL)
P3.6
( CE )
P3.7
( OE )
EA
(VPP)
P2,P1
(A15..A0)
P0
(D7..D0)
NOTE
Read
0
0
0
0
0
0
1
Address
Data Out
Output Disable
0
0
0
0
0
1
1
X
Hi-Z
Program
0
0
0
0
0
1
VCP
Address
Data In
Program Verify
0
0
0
0
1
0
VCP
Address
Data Out
@3
Erase
1
0
0
0
0
1
VEP
A0:0,
others: X
Data In
0FFH
@4
Erase Verify
1
0
0
0
1
0
VEP
Address
Data Out
@5
Program/Erase
Inhibit
X
0
0
0
1
1
VCP/
VEP
X
X
Company ID
1
0
0
0
0
0
1
A0 = 0
Data Out
Device ID
1
0
0
0
0
0
1
A0 = 1
Data Out
Notes:
1. All these operations happen in RST = VIH, ALE = VIL and PSEN = VIH.
2. VCP = 12.5V, VEP = 14.5V, VIH = VDD, VIL = Vss.
3. The program verify operation follows behind the program operation.
4. This erase operation will erase all the on-chip MTP-ROM cells and the Security bits.
5. The erase verify operation follows behind the erase operation.
SECURITY BITS
During the on-chip MTP-ROM operation mode, the MTP-ROM can be programmed and verified
repeatedly. Until the code inside the MTP-ROM is confirmed OK, the code can be protected. The
protection of MTP ROM and those operations on it are described below.
The W78LE52 has several Special Setting Registers, including the Security Register and
Company/Device ID Registers, which can not be accessed in normal mode. These registers can only
be accessed from the MTP-ROM operation mode. Those bits of the Security Registers can not be
changed once they have been programmed from high to low. They can only be reset through erase-
all operation. The contents of the Company ID and Device ID registers have been set in factory. Both
registers are addressed by the A0 address line during the same specific condition. The Security
Register is addressed in the MTP-ROM operation mode by address #0FFFFh.


Similar Part No. - W78LE52

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE52 WINBOND-W78LE52 Datasheet
204Kb / 26P
   8-BIT MICROCONTROLLER
W78LE52C WINBOND-W78LE52C Datasheet
294Kb / 23P
   8-BIT MICROCONTROLLER
W78LE52 WINBOND-W78LE52_06 Datasheet
204Kb / 26P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78LE52

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E52B WINBOND-W78E52B Datasheet
306Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78IE54 WINBOND-W78IE54 Datasheet
211Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78E51B WINBOND-W78E51B Datasheet
324Kb / 23P
   8-BIT MTP MICROCONTROLLER
W78LE51 WINBOND-W78LE51 Datasheet
304Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78LE54 WINBOND-W78LE54 Datasheet
308Kb / 22P
   8-BIT MTP MICROCONTROLLER
W78LE812 WINBOND-W78LE812 Datasheet
338Kb / 25P
   8-BIT MTP MICROCONTROLLER
logo
List of Unclassifed Man...
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
logo
ATMEL Corporation
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
   MARC4 4-bit MTP Universal Microcontroller
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
   MARC4 -4-bit MTP Universal Microcontroller
logo
List of Unclassifed Man...
M6759 ETC2-M6759_1 Datasheet
309Kb / 33P
   8-bit MTP Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com