Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAA207704GBM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RAA207704GBM
Description  Synchronous Buck Regulator with Internal Power MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA207704GBM Datasheet(HTML) 3 Page - Renesas Technology Corp

  RAA207704GBM Datasheet HTML 1Page - Renesas Technology Corp RAA207704GBM Datasheet HTML 2Page - Renesas Technology Corp RAA207704GBM Datasheet HTML 3Page - Renesas Technology Corp RAA207704GBM Datasheet HTML 4Page - Renesas Technology Corp RAA207704GBM Datasheet HTML 5Page - Renesas Technology Corp RAA207704GBM Datasheet HTML 6Page - Renesas Technology Corp RAA207704GBM Datasheet HTML 7Page - Renesas Technology Corp RAA207704GBM Datasheet HTML 8Page - Renesas Technology Corp RAA207704GBM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
RAA207703GBM/7704GBM/7705GBM
Preliminary
R07DS0892EJ0001 Rev.0.01
Page 3 of 17
Nov 29, 2012
Pin Description
Pin Name
Pin No.
Description
Remarks
VCC
1A
Controller voltage
Controller supply input (5 V regulator output)
SGND
2A
Controller analog GND
Should be connected to PGND on PCB pattern
FB
3A
Feedback voltage input pin
V5_IN
4A
5 V external input
LDO_EN#
5A
Internal 5 V LDO enable pin
BOOT
1B
Bootstrap voltage pin
To be supplied +5 V through integrated SBD
SET
2B
Constant on time program pin
Tie resistor between SW and SET
PGOOD
3B
Power good indicator pin
Pull low when No Good (open drain output)
SS
4B
Soft start period program pin
Tie capacitor between SS and SGND
ON/OFF
5B
Operation enable pin
Operation stop when L signal asserted
VIN
Input voltage
SW
Switching node
PGND
Power ground
Should be connected to SGND on PCB pattern
Note:
Pin assign of 1A-5A & 1B-5B is common through RAA207703GBM, RAA207704GBM and RAA207705GBM.


Similar Part No. - RAA207704GBM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA207704GBM RENESAS-RAA207704GBM Datasheet
280Kb / 24P
   Synchronous Buck Regulator with Internal Power MOSFETs
More results

Similar Description - RAA207704GBM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA207700GBM RENESAS-RAA207700GBM Datasheet
162Kb / 18P
   Synchronous Buck Regulator with Internal Power MOSFETs
RAA207700GBM RENESAS-RAA207700GBM_15 Datasheet
292Kb / 26P
   Synchronous Buck Regulator with Internal Power MOSFETs
RAA207703GBM RENESAS-RAA207703GBM_15 Datasheet
280Kb / 24P
   Synchronous Buck Regulator with Internal Power MOSFETs
RAA207703GBM RENESAS-RAA207703GBM_13 Datasheet
280Kb / 24P
   Synchronous Buck Regulator with Internal Power MOSFETs
logo
Intersil Corporation
ISL95210 INTERSIL-ISL95210 Datasheet
1Mb / 19P
   10A Synchronous Buck Regulator with Integrated Power MOSFETs
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com