Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEC02SAAN Datasheet(PDF) 4 Page - Texas Instruments

Part # PEC02SAAN
Description  TPS84250EVM-001 2.5-A, Integrated Power Solution
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PEC02SAAN Datasheet(HTML) 4 Page - Texas Instruments

  PEC02SAAN Datasheet HTML 1Page - Texas Instruments PEC02SAAN Datasheet HTML 2Page - Texas Instruments PEC02SAAN Datasheet HTML 3Page - Texas Instruments PEC02SAAN Datasheet HTML 4Page - Texas Instruments PEC02SAAN Datasheet HTML 5Page - Texas Instruments PEC02SAAN Datasheet HTML 6Page - Texas Instruments PEC02SAAN Datasheet HTML 7Page - Texas Instruments PEC02SAAN Datasheet HTML 8Page - Texas Instruments PEC02SAAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Test Point Descriptions
www.ti.com
4
Test Point Descriptions
Wire-loop test points have been provided as convenient connection points for digital voltmeters (DVM) or
oscilloscope probes to aid in the evaluation of this device. A description of each test point follows.
VIN
Input voltage monitoring point. Connect a DVM to this point for measuring efficiency.
VOUT
Output voltage monitoring point. Connect a DVM to this point for measuring efficiency,
line regulation, and load regulation.
TB3 VIN
Connect an oscilloscope probe with a short grounding tip to this pair of holes to
measure input ripple voltage.
TB4 VOUT
Connect an oscilloscope probe with a short grounding tip to this pair of holes to
measure output ripple voltage and transient response.
SS/TR
Monitor the voltage on the soft-start capacitor here. Also use it as an input for the
Tracking function.
INH/UVLO
Ground this terminal to inhibit power conversion. When open, the voltage on this pin is
the voltage of the UVLO resistor divider network.
RT/CLK
Monitors the RT pin (timing resistor) of the device. Adding resistance to ground to this
pin raises the switching frequency. The pin also can be driven by a 3.3-V, logic-level
clock signal to set the switching frequency. A frequency range of 400 kHz to 1 MHz is
supported.
PWRGD
Monitors the Power Good pin. A weak pullup to 5.1 V is provided on the EVM. PWRGD
is high when the output voltage is within ±8% of its nominal value.
GND
Ground points for meters of oscilloscope probes.
PH
Via test point for monitoring the Phase pin (switching node) of the device with an
oscilloscope. This test point can be used to measure the switching frequency of the
regulator. Use only a x10 oscilloscope probe to monitor this point. The operation of the
device can be affected by the stray capacitance of conventional cables or x1 probes.
VS+
This signal monitors the point where the feedback-loop monitors the output voltage.
This point can be used to remote sense the output voltage at an external load. It also
can be used as an injection point for a frequency-response loop analyzer. The injection
signal can be applied across the SENSE+ and VOUT test points.
4
TPS84250EVM-001 2.5-A, Integrated Power Solution Evaluation Module
SLVU460A – November 2011 – Revised July 2012
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated


Similar Part No. - PEC02SAAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PEC02SAAN TI1-PEC02SAAN Datasheet
268Kb / 17P
[Old version datasheet]   TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
PEC02SAAN TI1-PEC02SAAN Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
PEC02SAAN TI1-PEC02SAAN Datasheet
324Kb / 9P
[Old version datasheet]   TPS7A1601EVM-046
PEC02SAAN TI1-PEC02SAAN Datasheet
660Kb / 15P
[Old version datasheet]   TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
PEC02SAAN TI1-PEC02SAAN Datasheet
524Kb / 15P
[Old version datasheet]   TPS62090EVM-063 Evaluation Module
More results

Similar Description - PEC02SAAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84250_1212 TI1-TPS84250_1212 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
SLUU633A TI1-SLUU633A Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
TPS84250 TI1-TPS84250 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84620EVM-692 TI1-TPS84620EVM-692 Datasheet
761Kb / 18P
[Old version datasheet]   6-A, Integrated Power Solution Evaluation Module
logo
Advanced Analog Technol...
AAT11671 AAT-AAT11671 Datasheet
2Mb / 18P
   INTEGRATED TFT LCD POWER SOLUTION
Version 0.01
logo
Global Mixed-mode Techn...
AT5517 GMT-AT5517 Datasheet
87Kb / 1P
   Integrated Power Solution for TFT-LCD
logo
Analog Devices
ADP5056 AD-ADP5056 Datasheet
962Kb / 31P
   Triple Buck Regulator Integrated Power Solution
Rev. 0
logo
Dialog Semiconductor
SLG59M1545V DIALOG-SLG59M1545V Datasheet
160Kb / 11P
   Ultra-small 17 m 2.5 A Integrated Power Switch
logo
Global Mixed-mode Techn...
G5512 GMT-G5512 Datasheet
84Kb / 1P
   Integrated Power Solution for TFT-LCD
logo
Analog Devices
ADP5054 AD-ADP5054 Datasheet
712Kb / 31P
   Quad Buck Regulator Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com