Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27512 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27512
Description  Single Channel High-Speed, Low-Side Gate Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27512 Datasheet(HTML) 5 Page - Texas Instruments

  UCC27512 Datasheet HTML 1Page - Texas Instruments UCC27512 Datasheet HTML 2Page - Texas Instruments UCC27512 Datasheet HTML 3Page - Texas Instruments UCC27512 Datasheet HTML 4Page - Texas Instruments UCC27512 Datasheet HTML 5Page - Texas Instruments UCC27512 Datasheet HTML 6Page - Texas Instruments UCC27512 Datasheet HTML 7Page - Texas Instruments UCC27512 Datasheet HTML 8Page - Texas Instruments UCC27512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
UCC27511
UCC27512
www.ti.com
SLUSAW9C – FEBRUARY 2012 – REVISED JUNE 2012
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
Supply voltage range, VDD
4.5
12
18
V
Operating junction temperature range
-40
140
°C
Input voltage, IN+ and IN-
0
18
V
THERMAL INFORMATION
UCC27511
UCC27512
THERMAL METRIC
SOT-23 (DBV)
(1)WSON
UNITS
6 PINS
6 PINS
θJA
Junction-to-ambient thermal resistance(2)
217.8
85.6
θJCtop
Junction-to-case (top) thermal resistance(3)
97.6
100.1
θJB
Junction-to-board thermal resistance(4)
72.2
58.6
°C/W
ψJT
Junction-to-top characterization parameter(5)
8.6
7.5
ψJB
Junction-to-board characterization parameter(6)
71.6
58.7
θJCbot
Junction-to-case (bottom) thermal resistance(7)
n/a
23.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
NOTE
Under identical power dissipation conditions, the DRS package will allow to maintain a
lower die temperature than the DBV.
θJA metric should be used for comparison of power
dissipation
capability
between
different
packages
(Refer
to
the
APPLICATION
INFORMATION Section).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UCC27511 UCC27512


Similar Part No. - UCC27512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27512 TI1-UCC27512 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27512 TI1-UCC27512 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
UCC27512-EP TI-UCC27512-EP Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27512DRS TI1-UCC27512DRS Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results

Similar Description - UCC27512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com