Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744307022 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744307022
Description  POWER-CHOKE WE-HCM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744307022 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744307022 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744307022 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744307022 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744307022 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification :
A
8,1 ± 0,1
mm
B
16,0 ± 0,1
mm
typ.
typ.
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
I
8,3 ± 0,1
mm
J
7,60 ± 0,1
mm
W
24,0 ± 0,3
mm
a
330,0 ± 2,0
mm
b
24,5 ± 0,8
mm
c
29,5 ± 0,5
mm
d
100,0 ± 1,5
mm
RST
09-01-19
Name
Datum / date
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Version 1
Datum / date
Unterschrift / signature
Würth Elektronik
.................................................................................
...............................................................
..................................................................................
..................................................................................
Freigabe erteilt / general release:
Kunde / customer
D
1,50
mm
Rollenspezifikation / Reel specification:
Gurtspezifikation / Tape specification:
C
1,50
mm
SPEICHERDROSSEL WE-HCM
POWER-CHOKE WE-HCM
DATUM / DATE : 2009-01-19
Artikelnummer / part number :
744307022
Kunde / customer :
Spezifikation für Freigabe / specification for release
Ø c
a
b
W
E
F
G
A
B
C
Ø D
H
I
T
J
The Force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
RoHS
compliant
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as
aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.
where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic
equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It
is essential to give consideration when to install a protective circuit at the design stage.
d
c
b
SEITE 4 VON 4


Similar Part No. - 744307022

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744307012 WURTH-744307012 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
744307016 WURTH-744307016 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
More results

Similar Description - 744307022

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744306025 WURTH-744306025 Datasheet
149Kb / 4P
   POWER-CHOKE WE-HCM
744308033 WURTH-744308033 Datasheet
148Kb / 4P
   POWER-CHOKE WE-HCM
744305022 WURTH-744305022 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
744305033 WURTH-744305033 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
744306020 WURTH-744306020 Datasheet
149Kb / 4P
   POWER-CHOKE WE-HCM
744307016 WURTH-744307016 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
744308040 WURTH-744308040 Datasheet
280Kb / 4P
   POWER-CHOKE WE-HCM
744304016 WURTH-744304016 Datasheet
102Kb / 4P
   POWER-CHOKE WE-HCM
744308015 WURTH-744308015 Datasheet
147Kb / 4P
   POWER-CHOKE WE-HCM
744308025 WURTH-744308025 Datasheet
147Kb / 4P
   POWER-CHOKE WE-HCM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com