Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPMA1002BT1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MPMA1002BT1
Description  Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPMA1002BT1 Datasheet(HTML) 3 Page - Vishay Siliconix

  MPMA1002BT1 Datasheet HTML 1Page - Vishay Siliconix MPMA1002BT1 Datasheet HTML 2Page - Vishay Siliconix MPMA1002BT1 Datasheet HTML 3Page - Vishay Siliconix MPMA1002BT1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPMA (Divider)
www.vishay.com
Vishay Thin Film
Revision: 03-Dec-12
3
Document Number: 60113
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Preferred packaging code
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MPMA1003AWS
GLOBAL MODEL
(3 or 4 digits)
RESISTANCE
(4 or 8 digits)
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
MPMA
Ni/Pd/Au = e4
termination
First 3 digits are significant figures
and the last digit specifies the
number of zeros to follow. When
like values are required use total
resistance. When dual values are
required list both values.
Example:
(List R1 first in part number with dual
values)
1002 = 10K (5K/5K)
1003 = 100K (50K/50K)
10011002 = 1K/10K divider
Abs. Tol.
A = 0.1 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1 %
Ratio
0.05 %
0.1 %
0.1 %
0.1 %
0.5 %
TAPE AND REEL
T1 = 1000 min., 1000 mult (1)
T5 = 500 min., 500 mult
TF = Full reel 4000
TP = 100 min., 1 mult
(package unit single lot date
code)
TS = 100 min., 1 mult
P
M
1001
M
01
T
A
5
0A
1
P
M
100
M
T
A
3
A1


Similar Part No. - MPMA1002BT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPMA1002BT1 VISHAY-MPMA1002BT1 Datasheet
103Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
Revision: 03-Nov-15
More results

Similar Description - MPMA1002BT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPMA VISHAY-MPMA Datasheet
103Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
Revision: 03-Nov-15
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
   Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
Revision: 12-Jul-13
MPM VISHAY-MPM Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
   Molded, SOT-23 Resistor/Capacitor Network
Revision: 01-Jul-08
MPMT2001AT5 VISHAY-MPMT2001AT5 Datasheet
290Kb / 3P
   Molded, SOT-23 Resistor, Surface Mount Network
Revision: 25-Jan-10
logo
TE Connectivity Ltd
CPF-A TEC-CPF-A Datasheet
745Kb / 6P
   Automotive Grade Thin Film Chip Resistor
logo
Texas Instruments
RES11A-Q1 TI-RES11A-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
OCTOBER 2023
logo
Vishay Siliconix
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
MIF VISHAY-MIF Datasheet
84Kb / 3P
   Thin Film Microwave Resistor
Revision: 02-May-13
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
   THIN FILM RESISTOR SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com