Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11054 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11054
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11054 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11054 Datasheet HTML 5Page - Maxim Integrated Products MAX11054 Datasheet HTML 6Page - Maxim Integrated Products MAX11054 Datasheet HTML 7Page - Maxim Integrated Products MAX11054 Datasheet HTML 8Page - Maxim Integrated Products MAX11054 Datasheet HTML 9Page - Maxim Integrated Products MAX11054 Datasheet HTML 10Page - Maxim Integrated Products MAX11054 Datasheet HTML 11Page - Maxim Integrated Products MAX11054 Datasheet HTML 12Page - Maxim Integrated Products MAX11054 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
9
Maxim Integrated
MAX11044/MAX11045/MAX11046/
MAX11054/MAX11055/MAX11056
THD vs. ANALOG SUPPLY VOLTAGE
(MAX1104_)
VAVDD (V)
5.15
5.05
4.95
4.85
-106
-105
-104
-103
-102
-107
4.75
5.25
fIN = 10kHz
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VIN = -0.025dB FROM FS
SIGNAL-TO-NOISE AND DISTORTION RATIO
vs. FREQUENCY (MAX1104_)
FREQUENCY (kHz)
10
1
84
86
88
90
92
94
82
0.1
100
fSAMPLE = 250ksps
TA = +25°C
VAVDD = 5.0V
VRDC = 4.096V
VIN = -0.025dB from FS
THD vs. INPUT FREQUENCY
(MAX1104_)
FREQUENCY (kHz)
10
1
-105
-100
-95
-90
-85
-110
0.1100
fSAMPLE = 250ksps
TA = +25°C
VAVDD = 5.0V
VRDC = 4.096V
VIN = -0.025dB from FS
Typical Operating Characteristics (continued)
(VAVDD = 5V, VDVDD = 3.3V, TA = +25°C, fSAMPLE = 250ksps, internal reference, unless otherwise noted.)
OUTPUT NOISE HISTOGRAM WITH INPUT
CONNECTED TO AGNDS (MAX1104_)
OUTPUT CODE (DECIMAL)
50,000
100,000
150,000
200,000
0
VCH_ = 0V
VAVDD = 5.0V
VRDC = 4.096V
fSAMPLE = 250ksps
CONVERSION TIME vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
2.93
2.94
2.95
2.96
2.98
2.97
2.99
3.00
2.92
-40
85
VAVDD = 5.0V
CROSSTALK vs. FREQUENCY
FREQUENCY (kHz)
10
1
-130
-120
-110
-100
-90
-140
0.1
100
fIN = 60Hz
fSAMPLE = 250ksps
TA = +25°C
VAVDD = 5.0V
VRDC = 4.096V
VIN = -0.025dB FROM FS
INACTIVE CHANNEL AT AGNDS
CONVERSION TIME
vs. ANALOG SUPPLY VOLATAGE
VAVDD (V)
5.15
5.05
4.85
4.95
2.93
2.94
2.95
2.96
2.98
2.97
2.99
3.00
2.92
4.75
5.25
TA = +25°C


Similar Part No. - MAX11054

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11054ECB++ MAXIM-MAX11054ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
More results

Similar Description - MAX11054

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com