Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H1045-00475-6R3V10-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # H1045-00475-6R3V10-T
Description  ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

H1045-00475-6R3V10-T Datasheet(HTML) 1 Page - Intersil Corporation

  H1045-00475-6R3V10-T Datasheet HTML 1Page - Intersil Corporation H1045-00475-6R3V10-T Datasheet HTML 2Page - Intersil Corporation H1045-00475-6R3V10-T Datasheet HTML 3Page - Intersil Corporation H1045-00475-6R3V10-T Datasheet HTML 4Page - Intersil Corporation H1045-00475-6R3V10-T Datasheet HTML 5Page - Intersil Corporation H1045-00475-6R3V10-T Datasheet HTML 6Page - Intersil Corporation H1045-00475-6R3V10-T Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
Copyright Intersil Americas Inc. 2012. All Rights Reserved.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
Application Note 1790
ISL8225MEVAL3Z 30A, Single Output Evaluation Board
Setup Procedure
The ISL8225M is a complete, dual step-down switching mode
DC/DC module. The dual outputs can easily be paralleled for
single-output, high-current use. It is easy to apply this
high-power, current-sharing DC/DC power module to
power-hungry datacom, telecom, and FPGA applications. All
that is needed in order to have a complete, 30A design ready
for use are the ISL8225M, a few passive components, and
VOUT setting resistors.
The ease of use virtually eliminates design and manufacturing
risks while dramatically improving time to market.
The simplicity of the ISL8225M is its off-the-shelf, unassisted
implementation. Patented module structure allows for higher
power density and better efficiency than competing solutions.
Patented current sharing in multi-phase operation greatly
reduces ripple currents, BOM costs, and complexity.
The ISL8225MEVAL3Z evaluation board enables a single
output by paralleling two phases to deliver 30A continuous
load current. The ISL8225M supports input voltage from 4.5V
to 20V and the output voltage ranges from 0.6V to 6V. With the
single resistor modification, the output voltage can be easily
adjusted to different voltages.
Related Resources
Recommended Equipment
• 0V to 20V power supply with at least 10A source current
capability
• Electronic load capable of sinking current up to 30A
• Digital multimeters (DMMs)
• 100MHz quad-trace oscilloscope
Quick Start
The inputs are J1 (VIN) and J2 (GND). The outputs are J3 (VOUT)
and J4 (GND). Refer to Figure 1 for connections.
1. Connect a power supply capable of sourcing at least 10A to
the input (VIN J1 and GND J2) of the ISL8225MEVAL3Z
evaluation board, with a voltage between 4.5V to 20V.
Connect an electronic load or the device to be powered to
the output (VOUT J3 and GND J4) of the board. All
connections, especially the low voltage, high current VOUT
lines, should be able to carry the desired load current and
should be made as short as possible.
2. Turn on the power supply. Measure the output voltage, VOUT,
which should be at 1.2V if the board is working properly.
3. The ISL8225MEVAL3Z is manufactured with a default VOUT
value of 1.2V; if different output voltages are desired, board
resistors can be exchanged to provide the desired VOUT.
Please refer to the table printed on the backside of the
evaluation board or Table 1 on page 2 for RVSETresistor values,
which can be used to produce different output voltages.
See how-to
video at
intersil.com/
evid01
FIGURE 1. ISL8225MEVAL3Z BOARD IMAGE
LOAD
(0A~30A)
VOUT
4.5V TO 20V
V
+
-
VIN
+
-
V
+
-
December 3, 2012
AN1790.0


Similar Part No. - H1045-00475-6R3V10-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
H1045-00101-50V10 INTERSIL-H1045-00101-50V10 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
H1045-00102-16V10 INTERSIL-H1045-00102-16V10 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
H1045-00102-16V10 INTERSIL-H1045-00102-16V10 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
H1045-00102-50V10 INTERSIL-H1045-00102-50V10 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
H1045-00102-50V10 INTERSIL-H1045-00102-50V10 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
More results

Similar Description - H1045-00475-6R3V10-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225MEVAL4Z INTERSIL-ISL8225MEVAL4Z Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
AN1077 INTERSIL-AN1077 Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
ISL8225MEVAL2Z INTERSIL-ISL8225MEVAL2Z Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
logo
Silicon Laboratories
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
logo
Dialog Semiconductor
IW1830-EVAL1 DIALOG-IW1830-EVAL1 Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com