Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5002 Datasheet(PDF) 4 Page - Intersil Corporation

Part # 5002
Description  ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5002 Datasheet(HTML) 4 Page - Intersil Corporation

  5002 Datasheet HTML 1Page - Intersil Corporation 5002 Datasheet HTML 2Page - Intersil Corporation 5002 Datasheet HTML 3Page - Intersil Corporation 5002 Datasheet HTML 4Page - Intersil Corporation 5002 Datasheet HTML 5Page - Intersil Corporation 5002 Datasheet HTML 6Page - Intersil Corporation 5002 Datasheet HTML 7Page - Intersil Corporation 5002 Datasheet HTML 8Page - Intersil Corporation 5002 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Application Note 1793
4
AN1793.1
December 6, 2012
TABLE 3. ISL8225M OPERATION MODES
1ST MODULE (I = INPUT; O = OUTPUT; I/O = INPUT AND OUTPUT, BI-DIRECTION)
MODES OF OPERATION
OUTPUT
(SEE
DESCRIPTION
FOR DETAILS)
OPERATION
MODE
OF 2ND
MODULE
OPERATION
MODE
OF 3RD
MODULE
MODE
EN1/FF1
(I)
EN2/FF2
(I)
VSEN2-
(I)
MODE
(I)
VSEN2+
(I)
CLKOUT/REFIN
WRT 1ST
(I OR O)
VMON2
(Note 2)
VMON1
OF 2ND
MODULE
(Note 2)
2ND CHANNEL
WRT 1ST (O)
(NOTE 1)
10
0
-
-
-
--
-
-
-
-
Disabled
2A
0
1
Active
Active Active
-
Active
-
VMON1 =
VMON2 to Keep
PGOOD Valid
--
Single Phase
2B
1
0
-
-
-
-
-
-
VMON1 =
VMON2 to Keep
PGOOD Valid
--
Single Phase
3A
1
1
<VCC -0.7V Active Active
29% to 45%
of VCC (I)
Active
-
-
-
Dual Regulator
3B
1
1
<VCC -0.7V Active Active
45% to 62%
of VCC (I)
Active
-
90°
-
-
Dual Regulator
3C
1
1
<VCC -0.7V Active Active >62% of VCC (I) Active
-
180°
-
-
Dual Regulator
41
1
<VCC -0.7V Active Active <29% of VCC (I) Active
-
-60°
-
-
DDR Mode
5A
1
1
VCC
GND
-
60°
VMON1
or
Divider
-
180°
-
-
2-Phase
5B
1
1
VCC
GND
-
60°
Divider
Divider
180°
5B
5B
6-Phase
5C
1
1
VCC
GND
-
60°
VMON1
or
Divider
Active
180°
5C
5C
3 Outputs
61
1
VCC
VCC
GND
120°
1kΩ
Active
240°
2B
-
3-Phase
7A
1
1
VCC
VCC
VCC
90°
1kΩ
Divider
180°
7A
-
4-Phase
7B
1
1
VCC
VCC
VCC
90°
1kΩ
Active
180°
7B
-
2 Outputs
(1st module in
Mode 7A)
7C
1
1
VCC
VCC
VCC
90°
1kΩ
Active
180°
3, 4
-
3 Outputs
(1st module in
Mode 7A)
8
Cascaded Module Operation MODEs 5B+5B+7A+5B+5B+5B/7A, No External Clock Required
12-Phase
9
External Clock or External Logic Circuits Required for Equal Phase Interval
5, 7, 8, 9, 10, 11,
or
(PHASE >12)
NOTE:
1. “2ND CHANNEL WRT 1ST” means “second channel with respect to first;” in other words, Channel 2 lags Channel 1 by the degrees specified in this
column. For example, 90° means Channel 2 lags Channel 1 by 90°; -60° means Channel 2 leads Channel 1 by 60°.
2. “VMON1” means that the pin is tied to the VMON1 pin of the same module.
“Divider” means that there is a resistor divider from VOUT to SGND; refer to Figure 24 in the ISL8225M datasheet.
“1kΩ” means that there is a 1kΩ resistor connecting the pin to SGND; refer to Figure 22 in the ISL8225M datasheet.


Similar Part No. - 5002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5002 TI1-5002 Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Intersil Corporation
5002 INTERSIL-5002 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
5002 INTERSIL-5002 Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
logo
List of Unclassifed Man...
5002 ETC2-5002 Datasheet
462Kb / 1P
   THM TEST POINTS
logo
American Electronic Com...
5002 AEC-5002 Datasheet
172Kb / 1P
   Tilt Switch - Mercury
More results

Similar Description - 5002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225MEVAL3Z INTERSIL-ISL8225MEVAL3Z Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
AN1077 INTERSIL-AN1077 Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
ISL8225MEVAL2Z INTERSIL-ISL8225MEVAL2Z Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
logo
Silicon Laboratories
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
   18V 15A Step-Down Power Module Evaluation Board
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com