Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10TPB330M Datasheet(PDF) 9 Page - Intersil Corporation

Part # 10TPB330M
Description  ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

10TPB330M Datasheet(HTML) 9 Page - Intersil Corporation

  10TPB330M Datasheet HTML 1Page - Intersil Corporation 10TPB330M Datasheet HTML 2Page - Intersil Corporation 10TPB330M Datasheet HTML 3Page - Intersil Corporation 10TPB330M Datasheet HTML 4Page - Intersil Corporation 10TPB330M Datasheet HTML 5Page - Intersil Corporation 10TPB330M Datasheet HTML 6Page - Intersil Corporation 10TPB330M Datasheet HTML 7Page - Intersil Corporation 10TPB330M Datasheet HTML 8Page - Intersil Corporation 10TPB330M Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Application Note 1793
9
Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is
cautioned to verify that the Application Note or Technical Brief is current before proceeding.
For information regarding Intersil Corporation and its products, see www.intersil.com
AN1793.1
December 6, 2012
ISL8225MEVAL4Z Efficiency Curves
FIGURE 9. EFFICIENCY vs LOAD CURRENT (5VIN AT 500kHz)
FIGURE 10. EFFICIENCY vs LOAD CURRENT (12VIN)
50
55
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
LOAD CURRENT (A)
1V
1.2V
1.5V
1.8V
2.5V
3.3V
50
55
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
LOAD CURRENT (A)
1.5V AT 500kHz
1.8V AT 500kHz
2.5V AT 500kHz
3.3V AT 650kHz
5V AT 850kHz
1.2V AT 500kHz
1V AT 500kHz


Similar Part No. - 10TPB330M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
10TPB330M INTERSIL-10TPB330M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
10TPB330M INTERSIL-10TPB330M Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
logo
Sanyo Semicon Device
10TPB330M SANYO-10TPB330M Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
logo
Intersil Corporation
10TPB330M INTERSIL-10TPB330M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Panasonic Semiconductor
10TPB330M PANASONIC-10TPB330M Datasheet
53Kb / 1P
   Surface Mount Type
More results

Similar Description - 10TPB330M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225MEVAL3Z INTERSIL-ISL8225MEVAL3Z Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
AN1077 INTERSIL-AN1077 Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
ISL8225MEVAL2Z INTERSIL-ISL8225MEVAL2Z Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
logo
Silicon Laboratories
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
   18V 15A Step-Down Power Module Evaluation Board
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com