Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H2520-00R00-1-2W5 Datasheet(PDF) 11 Page - Intersil Corporation

Part # H2520-00R00-1-2W5
Description  ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

H2520-00R00-1-2W5 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button H2520-00R00-1-2W5 Datasheet HTML 4Page - Intersil Corporation H2520-00R00-1-2W5 Datasheet HTML 5Page - Intersil Corporation H2520-00R00-1-2W5 Datasheet HTML 6Page - Intersil Corporation H2520-00R00-1-2W5 Datasheet HTML 7Page - Intersil Corporation H2520-00R00-1-2W5 Datasheet HTML 8Page - Intersil Corporation H2520-00R00-1-2W5 Datasheet HTML 9Page - Intersil Corporation H2520-00R00-1-2W5 Datasheet HTML 10Page - Intersil Corporation H2520-00R00-1-2W5 Datasheet HTML 11Page - Intersil Corporation H2520-00R00-1-2W5 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
H2511-00R00-1/16W1
R7-R10, R18, R19,
R22, R23, R26,
R27, R33, R35,
R36, R42-R47,
R49, R52, R54,
R55, R81, R9B,
R20B, R28B, R37B,
R44B
29
0Ω
1%
1/16W
603
RES_0603
Generic
Thick film chip resistor
H2511-01001-1/16W1
R1, R2, R6
3
1kΩ
1%
1/16W
603
RES_0603
Generic
Thick film chip resistor
H2511-03321-1/16W1
R11, R12
2
3.32kΩ
1%
1/16W
603
RES_0603
Generic
Thick film chip resistor
H2511-04990-1/16W1
R64, R82
2
499Ω
1%
1/16W
603
RES_0603
Generic
Thick film chip resistor
H2520-00R00-1/2W5
R38-R40, R53,
R59-R62, R65-R80
24
0Ω
5%
1/2W
2010
RES_2010
Generic
Thick film chip resistor
ISL8225MIRZ
M1-M3
3
QFN
QFN26_670X670_ISL8225M Intersil
Dual 15A DC/DC power module
JUMPER-3-100
J7, J8
2
THOLE
JUMPER-3
Generic
Three pin jumper
JUMPER2_100
JP4, JP8
2
THOLE
JUMPER-1
Generic
Two pin jumper
KPA8CTP
J1-J6
6
CONN
KPA8CTP
Burndy
Wire connector lug
MCR03EZPFX3001
R5
1
3kΩ
1%
1/10W
603
RES_0603
ROHM
Metal film chip resistor
SSL-LXA3025IGC
LED1
1
SMD
LED_3X2_5MM
Lumex
3mmx2.5mm surface mount red/green
LED
NOTE:
2. Resistance accuracy of the feedback resistor divider R1/R2 can affect the output voltage accuracy. Please use high accuracy resistance (i.e. 0.5% or 0.1%) to meet the output accuracy requirement.
Bill of Materials (Continued)
PART NUMBER
REF DES
QTY.
VALUE
TOL. VOLTAGE POWER
PACKAGE
TYPE
JEDEC TYPE
MANUFACTURER
DESCRIPTION


Similar Part No. - H2520-00R00-1-2W5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
H25295 INTERSIL-H25295 Datasheet
401Kb / 8P
   20MHz, High Input Impedance, High Slew Rate Operational Amplifier
More results

Similar Description - H2520-00R00-1-2W5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN1077 INTERSIL-AN1077 Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
ISL8225MEVAL3Z INTERSIL-ISL8225MEVAL3Z Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
ISL8225MEVAL4Z INTERSIL-ISL8225MEVAL4Z Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
logo
Silicon Laboratories
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
STMicroelectronics
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
   6 W 3-phase SMPS for metering evaluation board
December 2007 Rev 1
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
   Precision 6 White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com