Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM32ER61E226KE15L Datasheet(PDF) 11 Page - Intersil Corporation

Part # GRM32ER61E226KE15L
Description  Dual 15A/Single 30A Step-Down Power Module
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

GRM32ER61E226KE15L Datasheet(HTML) 11 Page - Intersil Corporation

Back Button GRM32ER61E226KE15L Datasheet HTML 7Page - Intersil Corporation GRM32ER61E226KE15L Datasheet HTML 8Page - Intersil Corporation GRM32ER61E226KE15L Datasheet HTML 9Page - Intersil Corporation GRM32ER61E226KE15L Datasheet HTML 10Page - Intersil Corporation GRM32ER61E226KE15L Datasheet HTML 11Page - Intersil Corporation GRM32ER61E226KE15L Datasheet HTML 12Page - Intersil Corporation GRM32ER61E226KE15L Datasheet HTML 13Page - Intersil Corporation GRM32ER61E226KE15L Datasheet HTML 14Page - Intersil Corporation GRM32ER61E226KE15L Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ISL8225M
11
FN7822.0
December 3, 2012
Start-up and Short Circuit Performance
VIN = 12V, VOUT = 1.5V, CIN = 1x 180µF, 2x10µF/Ceramic, COUT = 2x47µF and
1x330µF POSCAP. TA = +25°C, if not specified, as shown in Figure 18 with 2nd phase disabled.
FIGURE 14. START-UP AT 0A
FIGURE 15. START-UP AT 15A
FIGURE 16. SHORT CIRCUIT AT 0A
FIGURE 17. SHORT CIRCUIT AT 15A
Typical Performance Characteristics (Continued)
Vout 
0.5V/DIV 
Iin 
0.1A/DIV 
1ms/DIV 
VOUT
0.1A/DIV
1ms/DIV
0.5V/DIV
IIN
Vout 
0.5V/DIV 
Iin 
1A/DIV 
1ms/DIV 
VOUT
0.1A/DIV
1ms/DIV
0.5V/DIV
IIN
Vout 
0.5V/DIV 
Iin 
0.2A/DIV 
100us/DIV 
VOUT
0.2A/DIV
100µs/DIV
0.5V/DIV
IIN
Vout
0.5V/DIV 
Iin
0.5A/DIV 
100us/DIV 
VOUT
0.5A/DIV
100µs/DIV
0.5V/DIV
IIN


Similar Part No. - GRM32ER61E226KE15L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
GRM32ER61E226KE15L AOSMD-GRM32ER61E226KE15L Datasheet
200Kb / 4P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
logo
Enpirion, Inc.
GRM32ER61E226KE15L ENPIRION-GRM32ER61E226KE15L Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
logo
Murata Manufacturing Co...
GRM32ER61E226KE15L MURATA-GRM32ER61E226KE15L Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
logo
Intersil Corporation
GRM32ER61E226KE15L INTERSIL-GRM32ER61E226KE15L Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Vishay Siliconix
GRM32ER61E226KE15L VISHAY-GRM32ER61E226KE15L Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
More results

Similar Description - GRM32ER61E226KE15L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M_13 Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Renesas Technology Corp
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
   30A/30A Dual-Channel Digital PMBus Step-Down Power Module
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
   15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
   15A 42V Single-Channel DC/DC Step-Down Power Module
RAA210610 RENESAS-RAA210610 Datasheet
1Mb / 40P
   15A, 54V Single-Channel DC/DC Step-Down Power Module
Feb.2.21
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
   15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
   2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
logo
Exar Corporation
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
   22V, 15A Synchronous Step Down COT Power Module
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
   18V 15A Step-Down Power Module Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com