Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R0J107M Datasheet(PDF) 8 Page - Intersil Corporation

Part # C3225X5R0J107M
Description  Dual 15A/Single 30A Step-Down Power Module
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

C3225X5R0J107M Datasheet(HTML) 8 Page - Intersil Corporation

Back Button C3225X5R0J107M Datasheet HTML 4Page - Intersil Corporation C3225X5R0J107M Datasheet HTML 5Page - Intersil Corporation C3225X5R0J107M Datasheet HTML 6Page - Intersil Corporation C3225X5R0J107M Datasheet HTML 7Page - Intersil Corporation C3225X5R0J107M Datasheet HTML 8Page - Intersil Corporation C3225X5R0J107M Datasheet HTML 9Page - Intersil Corporation C3225X5R0J107M Datasheet HTML 10Page - Intersil Corporation C3225X5R0J107M Datasheet HTML 11Page - Intersil Corporation C3225X5R0J107M Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ISL8225M
8
FN7822.0
December 3, 2012
Reference Voltage (Include Error and
Differential Amplifier Offsets)
VREF2
TA = -40°C to +85°C
0.6
V
-0.75
0.95
%
DIFFERENTIAL AMPLIFIER (Note 9)
DC Gain
UG_DA
Unity gain amplifier
0
dB
Unity Gain Bandwidth
UGBW_DA
5
MHz
VSEN+ Pin Sourcing Current
IVSEN+
0.2
1
2.5
µA
Maximum Source Current for Current Sharing
IVSEN1-
VSEN1- Source Current for Current Sharing when
parallel multiple modules, each of which has its
own voltage loop
350
µA
Input Impedance
RVSEN+_to
_VSEN-
VVSEN+/IVSEN+, VVSEN+ = 0.6V
-600
kΩ
Output Voltage Swing
0VCC - 1.8
V
Input Common Mode Range
-0.2
VCC - 1.8
V
Disable Threshold
VVSEN-
VMON1,2 = tri-state
VCC - 0.4
V
OVER-CURRENT PROTECTION (Note 9)
Channel Over-current Limit
Ilimit1
VIN = 12V, VOUT1 = 1.5V, RSYNC = Open
20
A
Ilimit2
VIN = 12V, VOUT2 = 1.5V, RSYNC = Open
20
A
Share Pin OC Threshold
VOC_SET
VCC = 5V
(comparator offset included)
1.16
1.20
1.22
V
CURRENT SHARE
Current Share Accuracy
ΔI/IOUT
VIN = 12V, VOUT = 1.5V
IOUT = 30A, VSEN2- = high
±10
%
POWER-GOOD MONITOR (Note 9)
Under-voltage Falling Trip Point
VUVF
Percentage below reference point
-15
-13
-11
%
Under-voltage Rising Hysteresis
VUVR_HYS Percentage above UV trip point
4
%
Over-voltage Rising Trip Point
VOVR
Percentage above reference point
11
13
15
%
Over-voltage Falling Hysteresis
VOVF_HYS Percentage below OV trip point
4
%
PGOOD Low Output Voltage
IPGOOD = 2mA
0.35
V
Sinking Impedance
IPGOOD = 2mA
70
Maximum Sinking Current
VPGOOD < 0.8V
10
mA
OVER-VOLTAGE PROTECTION (Note 9)
OV Latching-up Trip Point
EN/FF = UGATE = LATCH Low, LGATE = High
118
120
122
%
OV Non-Latching-up Trip Point
EN = Low, UGATE = Low, LGATE = High
113
%
LGATE Release Trip Point
EN = Low/HIGH, UGATE = Low, LGATE = Low
87
%
OVER-TEMPERATURE PROTECTION (Note 9)
Over-Temperature Trip (Controller Junction
Temperature)
150
°
C
Over-Temperature Release Threshold
(Controller Junction Temperature)
125
°
C
NOTES:
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
8. Parameters with TYP limits are not production tested, unless otherwise specified.
9. Parameters are 100% tested for internal IC prior to module assembly.
Electrical Specifications TA = +25°C, VIN = 12V, unless otherwise noted. Boldface limits apply over the internal junction temperature
range, -40°C to +125°C (Note 4). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)
TYP
(Note 8)
MAX
(Note 7)
UNITS


Similar Part No. - C3225X5R0J107M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
C3225X5R0J107M NSC-C3225X5R0J107M Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Analog Devices
C3225X5R0J107M AD-C3225X5R0J107M Datasheet
1,004Kb / 20P
   6.5 V, 4 A, High Efficiency
REV. 0
logo
Intersil Corporation
C3225X5R0J107M INTERSIL-C3225X5R0J107M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Texas Instruments
C3225X5R0J107M TI-C3225X5R0J107M Datasheet
1Mb / 29P
[Old version datasheet]   TPSM41625 4-V to 16-V Input, 25-A DC/DC Power Module with Current Sharing
C3225X5R0J107M TI-C3225X5R0J107M Datasheet
1Mb / 28P
[Old version datasheet]   TPSM41615 4-V to 16-V Input, 15-A DC/DC Power Module with Current Sharing
More results

Similar Description - C3225X5R0J107M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M_13 Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Renesas Technology Corp
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
   30A/30A Dual-Channel Digital PMBus Step-Down Power Module
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
   15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
   15A 42V Single-Channel DC/DC Step-Down Power Module
RAA210610 RENESAS-RAA210610 Datasheet
1Mb / 40P
   15A, 54V Single-Channel DC/DC Step-Down Power Module
Feb.2.21
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
   15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
   2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
logo
Exar Corporation
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
   22V, 15A Synchronous Step Down COT Power Module
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
   18V 15A Step-Down Power Module Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com