Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CU1031100BAT4A Datasheet(PDF) 1 Page - AVX Corporation

Part # CU1031100BAT4A
Description  Ultra Low ESR, ?쏞U??Series, C0G (NP0) Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CU1031100BAT4A Datasheet(HTML) 1 Page - AVX Corporation

  CU1031100BAT4A Datasheet HTML 1Page - AVX Corporation CU1031100BAT4A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
RF/Microwave C0G (NP0)
Capacitors (RoHS)
Ultra Low ESR, “CU” Series, C0G (NP0) Chip Capacitors
GENERAL INFORMATION
“CU” Series capacitors are C0G (NP0) chip capacitors
specially designed for “Ultra” low ESR for applications in
the communications market. Sizes available are EIA chip
sizes 01005 and 0201.
Size
L
W
T
g
A
(Length)
(Width)
(Max. Thickness)
(min.)
(Termination Min./Max.)
0402
0.40±0.02
0.20±0.02
0.22
0.13
0.70/0.14
(01005)
(0.016±0.0008)
0.008±0.0008)
(0.009)
(0.005)
(0.003/0.006)
0603
0.60±0.03
0.30±0.03
0.33
0.15
0.10/0.20
(0201)
(0.024±0.001)
(0.012±0.001)
(0.013)
(0.006)
(0.004/0.008)
A
B
D
D
E
C
A
B
C
01005
0201
mm (inches)
ELECTRICAL CHARACTERISTICS
LEAD-FREE COMPATIBLE
COMPONENT
DIMENSIONS:
CU01
Case Size
CU10 = 01005
CU01 = 0201
3
Voltage
Code
3 = 25V
Y = 16V
1
Dielectric
1 = 0±30ppm
100
Capacitance
EIA Capacitance
Code in pF.
First two digits =
significant figures or
“R” for decimal place.
Third digit = number
of zeros or after “R”
significant figures.
J
Capacitance
Tolerance
Code
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
G = ±2%
J = ±5%
2
Packaging
Code
2 = 7" Reel
4 = 13" Reel
A
Failure Rate
Code
A = Not
Applicable
T
Termination
T = Plated Ni
and Sn
A
Special
A = Standard
HOW TO ORDER
Capacitance Value Range:
Size 01005
0.5 to 6.2pF
Size 0201
0.5 to 22pF
Temperature Coefficient of Capacitance (TC):
0±30 ppm/°C (-55° to +125°C)
Insulation Resistance (IR):
1012 Ω min. @ 25°C and rated WVDC
1011 Ω min. @ 125°C and rated WVDC
Working Voltage (WVDC):
Size
Working Voltage
01005 -
16 WVDC
0201
-
25 WVDC


Similar Part No. - CU1031100BAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CU1031100BAT2A AVX-CU1031100BAT2A Datasheet
238Kb / 2P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
CU1031100BAT3A AVX-CU1031100BAT3A Datasheet
238Kb / 2P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
CU1031100BATUA AVX-CU1031100BATUA Datasheet
238Kb / 2P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
More results

Similar Description - CU1031100BAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MK05V7100JAT2A AVX-MK05V7100JAT2A Datasheet
323Kb / 3P
   Ultra Low ESR, C0G (NP0) Chip Capacitors
04023U3R3BAT2A AVX-04023U3R3BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U3R9BAT2A AVX-04023U3R9BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U5R6BAT2A AVX-04023U5R6BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U1R2BAT2A AVX-04025U1R2BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U2R0BAT2A AVX-04025U2R0BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U2R2BAT2A AVX-04025U2R2BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U3R0BAT2A AVX-04025U3R0BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U1R8BAT4A AVX-04025U1R8BAT4A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U220JAT2A AVX-04025U220JAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com