Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CU1031100DAT2A Datasheet(PDF) 2 Page - AVX Corporation

Part # CU1031100DAT2A
Description  Ultra Low ESR, ?쏞U??Series, C0G (NP0) Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CU1031100DAT2A Datasheet(HTML) 2 Page - AVX Corporation

  CU1031100DAT2A Datasheet HTML 1Page - AVX Corporation CU1031100DAT2A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RF/Microwave C0G (NP0)
Capacitors (RoHS)
Ultra Low ESR, “CU” Series, C0G (NP0) Chip Capacitors
CAPACITANCE RANGE
ULTRA LOW ESR, “CU” SERIES
Cap
AvailableTolerance
(pF)
01005
0201
0.5
B,C,D
B,C,D
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
B,C,D
B,C,D
5.6
C,D
C,D
6.2
C,D
C,D
6.8
D
8.2
D
10.0
J,K
12.0
15.0
18.0
22.0
J,K
0
-5
In. loss
01005 6.2pF
R. loss
-10
-15
-20
-25
-30
-35
-40
-45
-50
02
4
6
8
10
12
0
-5
In. loss
0201 4.7pF
R. loss
-10
-15
-20
-25
-30
-35
-40
-45
-50
02
4
6
8
10
12
10
In. loss
0201 22pF
R. loss
0
-10
-20
-30
-40
-50
02
4
6
8
10
12
F (GHz)
IL
R. loss
F1
0.31
-0.40
-9.68
F2
1.28
-5.03
-1.44
F3
2.408
-11.58
-0.27
F4
4.635
-40.55
-0.39
F5
4.897
-31.82
-0.47
F (GHz)
IL
R. loss
F1
0.31
-0.13
-12.90
F2
1.28
-2.89
-2.84
F3
2.408
-8.09
-0.60
F4
4.635
-29.45
-0.37
F5
4.897
-38.55
-0.45
F (GHz)
IL
R. loss
F1
0.31
-2.90
-2.85
F2
1.28
-15.26
-0.10
F3
2.408
-45.65
-0.10
F4
4.635
-14.90
-0.87
F5
4.897
-12.89
-1.08


Similar Part No. - CU1031100DAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CU1031100DAT2A AVX-CU1031100DAT2A Datasheet
238Kb / 2P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
More results

Similar Description - CU1031100DAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MK05V7100JAT2A AVX-MK05V7100JAT2A Datasheet
323Kb / 3P
   Ultra Low ESR, C0G (NP0) Chip Capacitors
04023U3R3BAT2A AVX-04023U3R3BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U3R9BAT2A AVX-04023U3R9BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U5R6BAT2A AVX-04023U5R6BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U1R2BAT2A AVX-04025U1R2BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U2R0BAT2A AVX-04025U2R0BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U2R2BAT2A AVX-04025U2R2BAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U3R0BAT2A AVX-04025U3R0BAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U1R8BAT4A AVX-04025U1R8BAT4A Datasheet
156Kb / 6P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04025U220JAT2A AVX-04025U220JAT2A Datasheet
183Kb / 7P
   Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com