Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2564RVMR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC2564RVMR
Description  Bluetooth짰 Smart Ready Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2564RVMR Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2564RVMR Datasheet HTML 3Page - Texas Instruments CC2564RVMR Datasheet HTML 4Page - Texas Instruments CC2564RVMR Datasheet HTML 5Page - Texas Instruments CC2564RVMR Datasheet HTML 6Page - Texas Instruments CC2564RVMR Datasheet HTML 7Page - Texas Instruments CC2564RVMR Datasheet HTML 8Page - Texas Instruments CC2564RVMR Datasheet HTML 9Page - Texas Instruments CC2564RVMR Datasheet HTML 10Page - Texas Instruments CC2564RVMR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
CC256x
www.ti.com
SWRS121A – JULY 2012 – REVISED OCTOBER 2012
1.1
DESCRIPTION
The TI CC256x device is a complete Bluetooth BR/EDR/LE HCI solution that reduces design effort and
enables fast time to market. Based on TI’s seventh-generation Bluetooth core, the device brings a
product-proven solution that supports Bluetooth 4.0 dual mode (BR/EDR/LE) protocols.
TI’s power-management hardware and software algorithms provide significant power savings in all
commonly used Bluetooth BR/EDR/LE modes of operation.
When coupled with an MCU device, this HCI device provides best-in-class RF performance for markets
such as:
Mobile phone accessories
Sports and fitness applications
Wireless audio solutions
Remote controls
Toys
With transmit power and receive sensitivity, this solution provides a best-in-class range of about 2x,
compared to other BLE-only solutions. A royalty-free software Bluetooth stack available from TI is pre-
integrated with TI's MSP430 and Stellaris MCUs. The stack is also available for MFi solutions and on
other MCUs through TI's partner Stonestreet One (www.stonestreetone.com). Some of the profiles
supported today include:
Serial port profile (SPP)
Advanced audio distribution profile (A2DP)
Several BLE profiles (these profiles vary based on the supported MCU)
In addition to software, this solution consists of a reference design with a low BOM cost. For more
information on TI’s wireless platform solutions for Bluetooth, see TI's Wireless Connectivity Wiki
(www.ti.com/connectivitywiki).
Table 1-1 shows the CC256x family members.
Table 1-1. CC256x Family Members
Device
Technology Supported
Description
BR/EDR
LE
ANT
CC2560A
Bluetooth 4.0 (with EDR)
CC2564
Bluetooth 4.0 + BLE(1)
Bluetooth 4.0 + ANT(1)
(1)
The CC2569 device does not support simultaneous operation of LE and ANT.
Copyright © 2012, Texas Instruments Incorporated
FEATURES
7
Submit Documentation Feedback


Similar Part No. - CC2564RVMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2564RVMR TI1-CC2564RVMR Datasheet
1Mb / 51P
[Old version datasheet]   Bluetooth and Dual-Mode Controller
CC2564RVMR TI1-CC2564RVMR Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2564RVMR TI1-CC2564RVMR Datasheet
1Mb / 52P
[Old version datasheet]   Dual-Mode Bluetooth Controller
CC2564RVMR TI1-CC2564RVMR Datasheet
1Mb / 53P
[Old version datasheet]   Dual-Mode Bluetooth Controller
More results

Similar Description - CC2564RVMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2564-PAN1326 TI1-CC2564-PAN1326 Datasheet
27Kb / 2P
[Old version datasheet]   Dual Mode Bluetooth짰 Smart Ready
logo
Silicon Laboratories
BT121 SILABS-BT121 Datasheet
2Mb / 48P
   Bluetooth Smart Ready Module
logo
Laird Tech Smart Techno...
BL652 LSTD-BL652 Datasheet
402Kb / 2P
   Bluetooth짰 Smart v4.2 NFC Module
logo
List of Unclassifed Man...
BT111 ETC2-BT111 Datasheet
1Mb / 54P
   Bluetooth Smart Ready HCI Module
logo
Silicon Laboratories
BT111 SILABS-BT111 Datasheet
2Mb / 53P
   Bluetooth® Smart Ready HCI Module
Version 1.27
logo
Texas Instruments
CC2564 TI-CC2564_15 Datasheet
916Kb / 47P
[Old version datasheet]   Bluetooth짰 and Dual-Mode Controller
logo
STMicroelectronics
STEVAL-IDB003V1 STMICROELECTRONICS-STEVAL-IDB003V1 Datasheet
348Kb / 4P
   A BlueNRG IC based Bluetooth짰 Smart USB dongle
April 2014 Rev 1
logo
Silicon Laboratories
EFR32BG1V132F256 SILABS-EFR32BG1V132F256 Datasheet
1Mb / 94P
   ConfidentialEFR32BG1 Blue Gecko Bluetooth짰 Smart SoC CSP Family
EFR32BG1B232 SILABS-EFR32BG1B232 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com