Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78C378P Datasheet(PDF) 2 Page - Winbond

Part # W78C378P
Description  MONITOR MICROCONTROLLER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C378P Datasheet(HTML) 2 Page - Winbond

  W78C378P Datasheet HTML 1Page - Winbond W78C378P Datasheet HTML 2Page - Winbond W78C378P Datasheet HTML 3Page - Winbond W78C378P Datasheet HTML 4Page - Winbond W78C378P Datasheet HTML 5Page - Winbond W78C378P Datasheet HTML 6Page - Winbond W78C378P Datasheet HTML 7Page - Winbond W78C378P Datasheet HTML 8Page - Winbond W78C378P Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Preliminary W78E378/W78C378/W78C374
- 2 -
PIN CONFIGURATIONS
40-pin DIP:
W78E378E
40-pin DIP
W78C378E
P4.1
1
40
P4.2
W78C374E
P4.0 (HFI)
2
32-pin DIP
39
P4.3
P3.5 (ADC4, T0)*
3
1
32
38
P3.6 (ADC5, T1)*
P1.1 (DAC1)*
4
2
31
37
P1.2 (DAC2)*
32-pin DIP:
W78E378
P1.0 (DAC0)*
5
3
30
36
P1.3 (DAC3)*
W78C378
P3.4 (VOUT)
6
4
29
35
P1.4 (DAC4)*
W78C374
P3.3 (HOUT)
7
5
28
34
P1.5 (DAC5)*
HIN
8
6
27
33
P1.6 (DAC6)*
VIN
9
7
26
32
P1.7 (DAC7)*
RESET
10
8
25
31
P2.0 (DAC8)
VDD
11
9
24
30
P2.1 (DAC9)
VSSA
12
10
23
29
P2.2 (DAC10)
OSCOUT
13
11
22
28
P2.3 (Hclamp)
OSCIN
14
12
21
27
P2.4 (ADC0)
P3.2 ( INT0 )
15
13
20
26
P2.5 (ADC1)
P3.1 (SCL)*
16
14
19
25
P2.6 (ADC2)
P3.0 (SDA)*
17
15
18
24
P2.7 (ADC3)
VSS
18
16
17
23
P3.7 (ADC6)*
P4.7 (HFO)
19
22
P4.4 (SCL2)*
P4.6
20
21
P4.5 (SDA2)*
44-pin PLCC
H
V
RESET
V
V
VDDA
VSSA
OSCOUT
OSCIN
NC
P1.5
P1.6
P1.7
P2.0
P2.1
P2.2
P2.3
P
3
.
1
V
S
S
P
3
.
0
P
3
.
7
P
4
.
6
P
4
.
5
P
4
.
4
P
4
.
7
7
8
9
10
11
12
13
14
15
16
17
1
8
1
9
2
0
2
2
2
6
2
5
2
4
2
3
2
8
2
1
2
7
39
29
30
32
33
31
35
34
36
37
38
1
2
3
4
5
6
4
0
4
1
4
2
4
3
4
4
P
3
.
4
P
1
.
0
P
1
.
1
P
3
.
5
P
3
.
6
P
1
.
2
P
4
.
3
P
1
.
3
P3.2
P3.3
P
4
.
2
P
4
.
1
P
4
.
0
P1.4
P2.5
P2.4
P
2
.
7
P
2
.
6
V
S
S
W78E378P
W78C378P
W78C374P
DD
DD
IN
IN


Similar Part No. - W78C378P

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C31 WINBOND-W78C31 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C32 WINBOND-W78C32 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C32B WINBOND-W78C32B Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-16 WINBOND-W78C32B-16 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-24 WINBOND-W78C32B-24 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C378P

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C354 WINBOND-W78C354 Datasheet
426Kb / 44P
   MONITOR MICROCONTROLLER
W78E354 WINBOND-W78E354 Datasheet
430Kb / 45P
   MONITOR MICROCONTROLLER
logo
List of Unclassifed Man...
NT91315XL ETC-NT91315XL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
WT6132 ETC-WT6132 Datasheet
377Kb / 39P
   microcontroller for digital controlled monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com