Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78C378P Datasheet(PDF) 9 Page - Winbond

Part # W78C378P
Description  MONITOR MICROCONTROLLER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C378P Datasheet(HTML) 9 Page - Winbond

Back Button W78C378P Datasheet HTML 5Page - Winbond W78C378P Datasheet HTML 6Page - Winbond W78C378P Datasheet HTML 7Page - Winbond W78C378P Datasheet HTML 8Page - Winbond W78C378P Datasheet HTML 9Page - Winbond W78C378P Datasheet HTML 10Page - Winbond W78C378P Datasheet HTML 11Page - Winbond W78C378P Datasheet HTML 12Page - Winbond W78C378P Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Preliminary W78E378/W78C378/W78C374
Publication Release Date: December 1999
- 9 -
Revision A1
SFRs accessed using 'MOVX @Ri'
REGISTER
ADDRESS
BITS
POWER
ON RESET
RESET
R/W
TYPE
1
CTRL1
80h
8
00h
00h
W
2
CTRL2
81h
8
00h
00h
W
3
P1SF
82h
8
00h
xxh
W
4
P2SF
83h
8
00h
xxh
W
5
P3SF
84h
8
00h
00h
W
6
PARAL
85h
8
00h
00h
R/W
7
PARAH
86h
5
00h
00h
R/W
8
HFCOUNTL
87h
8
x
x
R
9
HFCOUNTH
88h
8
x
x
R
10
VFCOUNTL
89h
8
x
x
R
11
VFCOUNTH
8Ah
8
x
x
R
12
WDTCLR
8Bh
-
x
x
W
13
SOARL
8Ch
8/6
x
x
R/W
14
SOARH
8Dh
8/6
x
x
R/W
15
SOACLR
8Eh
-
x
x
W
16
INTMSK
8Fh
6
00h
00h
R/W
17
INTVECT
90h
6
00h
00h
R
18
INTCLR
91h
6
x
x
W
19
DDC1
92h
8
x
x
W
20
ADC
93h
8
x
x
R
21
DAC0
94h
8
00h
x
R/W
22
DAC1
95h
8
00h
x
R/W
23
DAC2
96h
8
00h
x
R/W
24
DAC3
97h
8
00h
x
R/W
25
DAC4
98h
8
00h
x
R/W
26
DAC5
99h
8
00h
x
R/W
27
DAC6
9Ah
8
00h
x
R/W
28
DAC7
9Bh
8
00h
x
R/W
29
DAC8
9Ch
8
00h
x
R/W
30
DAC9
9Dh
8
00h
x
R/W
31
DAC10
9Eh
8
00h
x
R/W
32
P4
9Fh
8
FFh
FFh
W
33
CTRL3
A0h
0
00h
00h
W
Note: "x" means no reset action.


Similar Part No. - W78C378P

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C31 WINBOND-W78C31 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C32 WINBOND-W78C32 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C32B WINBOND-W78C32B Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-16 WINBOND-W78C32B-16 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
W78C32B-24 WINBOND-W78C32B-24 Datasheet
546Kb / 14P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C378P

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C354 WINBOND-W78C354 Datasheet
426Kb / 44P
   MONITOR MICROCONTROLLER
W78E354 WINBOND-W78E354 Datasheet
430Kb / 45P
   MONITOR MICROCONTROLLER
logo
List of Unclassifed Man...
NT91315XL ETC-NT91315XL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
WT6132 ETC-WT6132 Datasheet
377Kb / 39P
   microcontroller for digital controlled monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com