Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB-DRO-14.5GHZ Datasheet(PDF) 2 Page - Abracon Corporation

Part # AB-DRO-14.5GHZ
Description  14.5GHz Dielectric Resonator Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-DRO-14.5GHZ Datasheet(HTML) 2 Page - Abracon Corporation

  AB-DRO-14.5GHZ Datasheet HTML 1Page - Abracon Corporation AB-DRO-14.5GHZ Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4 - M 3 D e p t h 5
dimesio ns49X4 9
8
2 2
5 5
1 7 . 8
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.06.12
Visit www.abracon.com for Terms & Conditions of Sale
55.0 x 55.0 x 22.0 mm
MARKING:
OUTLINE DRAWING:
Dimension : mm
Power connectors: SMA-K
Note: Specified dimensions without tolerance are
listed for reference purposes only.
Packaging: 1pc/box
Dimension of the cardboard box: 17.5cm*13.5cm*7cm
PACKAGING:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
14.5GHz Dielectric Resonator Oscillator
AB-DRO-14.5GHz
Pb
RoHS /RoHS IICompliant
Center Frequency
Abracon Part Number
Output Power
Serial Number
RFOUT
NC
NC
+15V
Cardboard boxe s
EPE material packin g
Static protection bag s


Similar Part No. - AB-DRO-14.5GHZ

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-DSW-10W A-BRIGHT-AB-DSW-10W Datasheet
126Kb / 2P
   Ø172x80mm LED Down Light
AB-DSW-10W A-BRIGHT-AB-DSW-10W Datasheet
126Kb / 2P
   Ø172x80mm LED Down Light
AB-DSW-10W A-BRIGHT-AB-DSW-10W_15 Datasheet
126Kb / 2P
   LED Down Light
AB-DSW-15W A-BRIGHT-AB-DSW-15W Datasheet
205Kb / 2P
   Ø180x95mm LED Down Light
AB-DSW-15W A-BRIGHT-AB-DSW-15W Datasheet
205Kb / 2P
   Ø180x95mm LED Down Light
More results

Similar Description - AB-DRO-14.5GHZ

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
518038 APITECH-518038 Datasheet
179Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
515106 APITECH-515106 Datasheet
183Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
514060 APITECH-514060 Datasheet
178Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
514057 APITECH-514057 Datasheet
178Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
logo
Spectrum Microwave, Inc...
518038 SPECTRUM-518038 Datasheet
67Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
MDR2100-18500 SPECTRUM-MDR2100-18500 Datasheet
109Kb / 1P
   Dielectric Resonator Oscillator
MDR5100 SPECTRUM-MDR5100 Datasheet
189Kb / 1P
   Dielectric Resonator Oscillator
MDR2100-5500 SPECTRUM-MDR2100-5500 Datasheet
109Kb / 1P
   Dielectric Resonator Oscillator
logo
SYNERGY MICROWAVE CORPO...
DRO80 SYNERGY-DRO80 Datasheet
417Kb / 3P
   DIELECTRIC RESONATOR OSCILLATOR
DRO1024 SYNERGY-DRO1024 Datasheet
275Kb / 4P
   DIELECTRIC RESONATOR OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com