Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78C54F-16 Datasheet(PDF) 3 Page - Winbond

Part # W78C54F-16
Description  8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C54F-16 Datasheet(HTML) 3 Page - Winbond

  W78C54F-16 Datasheet HTML 1Page - Winbond W78C54F-16 Datasheet HTML 2Page - Winbond W78C54F-16 Datasheet HTML 3Page - Winbond W78C54F-16 Datasheet HTML 4Page - Winbond W78C54F-16 Datasheet HTML 5Page - Winbond W78C54F-16 Datasheet HTML 6Page - Winbond W78C54F-16 Datasheet HTML 7Page - Winbond W78C54F-16 Datasheet HTML 8Page - Winbond W78C54F-16 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
W78C54
Publication Release Date: December 1997
- 3 -
Revision A2
PIN DESCRIPTION
SYMBOL
TYPE
DESCRIPTIONS
EA
I
EXTERNAL ACCESS ENABLE: This pin forces the processor to execute out
of external ROM. The ROM address and data will not be present on the bus if
the EA pin is high and the program counter is within the 16 KB area.
Otherwise they will be present on the bus.
PSEN
O H
PROGRAM STORE ENABLE: PSEN enables the external ROM data in the
Port 0 address/data bus.
When internal ROM access is performed, no PSEN strobe signal outputs
originate from this pin.
ALE
O H
ADDRESS LATCH ENABLE: ALE is used to enable the address latch that
separates the address from the data on Port 0. ALE runs at 1/6th of the
oscillator frequency. An ALE pulse is omitted during external data memory
accesses.
RST
I L
RESET: A high on this pin for two machine cycles while the oscillator is
running resets the device.
XTAL1
I
CRYSTAL 1: This is the crystal oscillator input. This pin may be driven by an
external clock.
XTAL2
O
CRYSTAL 2: This is the crystal oscillator output. It is the inversion of XTAL1.
VSS
I
GROUND: ground potential.
VDD
I
POWER SUPPLY: Supply voltage for operation.
P0.0
−P0.7
I/O D
PORT 0: Function is the same as that of the standard 8052.
P1.0
−P1.7
I/O H
PORT 1: Function is the same as that of the standard 8052.
P2.0
−P2.7
I/O H
PORT 2: Function is the same as that of the standard 8052.
P3.0
−P3.7
I/O H
PORT 3: Function is the same as that of the standard 8052.
P4.0
−P4.3
I/O H
PORT 4: A 4-bit bi-directional parallel port and bit-addressable with internal
pull-ups. Pin P4.3 and P4.2 have alternative function as external interrupt
(INT2/INT3) source input.
INT2 (P4.3)
I H
External interrupt 2: An extra interrupt input source. It cascades to pin P4.3
internally.
INT3 (P4.2)
I H
External interrupt 3: An extra interrupt input source. It cascades to pin P4.2
internally.
* Note :
TYPE I: input, O: output, I/O: bi-directional, H: pull-high, L: pull-low, D: open drain


Similar Part No. - W78C54F-16

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C51 WINBOND-W78C51 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C516 WINBOND-W78C516 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
W78C516-24 WINBOND-W78C516-24 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
W78C516-40 WINBOND-W78C516-40 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
W78C516F-24 WINBOND-W78C516F-24 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C54F-16

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com