Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78C801P-40 Datasheet(PDF) 5 Page - Winbond

Part # W78C801P-40
Description  8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C801P-40 Datasheet(HTML) 5 Page - Winbond

  W78C801P-40 Datasheet HTML 1Page - Winbond W78C801P-40 Datasheet HTML 2Page - Winbond W78C801P-40 Datasheet HTML 3Page - Winbond W78C801P-40 Datasheet HTML 4Page - Winbond W78C801P-40 Datasheet HTML 5Page - Winbond W78C801P-40 Datasheet HTML 6Page - Winbond W78C801P-40 Datasheet HTML 7Page - Winbond W78C801P-40 Datasheet HTML 8Page - Winbond W78C801P-40 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
W78C801
Publication Release Date: February 1999
- 5 -
Revision A3
3 (P3.4 to P3.7) can be selected to serve the direct LED displays drive outputs by setting the HDx bit
in the PO register. When the HDx bit is set, the corresponding pin P3.x can sink about 20mA current
for driving LED display directly. After reset, the POR register is cleared and the pins of Ports 0 and 3
are the same as those of the standard 80C31. The POR register is shown below.
Port Options Register
Bit:
7
6
5
4
3
2
1
0
EP6
EP5
-
HD7
HD6
HD5
HD4
PUP
Mnemonic: POR
Address: 86H
PUP : Enable Port 0 weak pull-up.
HD4-7: Enable pins P3.4 to P3.7 individually with High Drive outputs.
EP5 : Enable P4.5. To set this bit shifts ALE pin to the alternate function P4.5.
EP6 : Enable P4.6. To set this bit shifts PSEN pin to the alternate function P4.6
Port 4
The W78C801 has one additional bit-addressable I/O port P4 in which the port address is D8H. The
Port 4 contains seven bits; P4.0 to P4.3 are only available on 44-pin PLCC/QFP package; P4.5 and
P4.6 are the alternate function corresponding to pins ALE, PSEN . When program is running in the
internal memory without any access to external memory, ALE and PSEN may be individually
configured to the alternate functions P4.5 and P4.6 that serve as general purpose I/O pins. To enable
I/O port P4.5 and P4.6, the bits EP5 and EP6 in the POR register must be set. During reset, the ALE
and PSEN perform as in the standard 80C32. The alternate functions P4.5 and P4.6 must be
enabled by software. Care must be taken with the ALE pins when configured as the alternate
functions. The ALE will emit pulses until either the EP5 bit in POR register or AO bit in AUXR register
is set to 1. i.e. User's applications should elude the ALE pulses before software configure it with I/O
port P4.5.
Port 4
Bit:
7
6
5
4
3
2
1
0
-
P4.6
P4.5
-
P4.3
P4.2
P4.1
P4.0
Mnemonic: P4
Address: D8H
Interrupt System
The W78C801 has twelve interrupt sources: INT0 and INT1; Timer 0,1; INT2 to INT9. Each interrupt
vectors to a specific location in program memory for its interrupt service routine. Each of these
sources can be individually enabled or disabled by setting or clearing the corresponding bit in Special
Function Register IE0 and IE1. The individual interrupt priority level depends on the Interrupt Priority
Register IP0 and IP1. Additional external interrupts INT2 to INT9 are level sensitive and may be used
to awake the device from power down mode. The Port 1 interrupts can be initialized to either active
HIGH or LOW via setting the Interrupt Polarity Register IX. The IRQ register contains the flags of Port
1 interrupts. Each flag in IRQ register will be set when an interrupt request is recognized but must be
cleared by software. Note that the interrupt flags have to be cleared before the interrupt service
routine is completed, or else another interrupt will be generated.


Similar Part No. - W78C801P-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C032C WINBOND-W78C032C Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C NUVOTON-W78C032C Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40DL WINBOND-W78C032C40DL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C40DL NUVOTON-W78C032C40DL Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40FL WINBOND-W78C032C40FL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C801P-40

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com