Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78E354 Datasheet(PDF) 4 Page - Winbond

Part # W78E354
Description  MONITOR MICROCONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E354 Datasheet(HTML) 4 Page - Winbond

  W78E354 Datasheet HTML 1Page - Winbond W78E354 Datasheet HTML 2Page - Winbond W78E354 Datasheet HTML 3Page - Winbond W78E354 Datasheet HTML 4Page - Winbond W78E354 Datasheet HTML 5Page - Winbond W78E354 Datasheet HTML 6Page - Winbond W78E354 Datasheet HTML 7Page - Winbond W78E354 Datasheet HTML 8Page - Winbond W78E354 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
W78E354
- 4 -
Pin Description, continued
PIN NO.
68P 64P 48P 40P
PIN
NAME
I/O
TYPE
TEST
NAME
FUNCTIONAL DESCRIPTION
29
30
27
28
21
-
19
-
BSDAC0
BSDAC1
I/O
O/P
A8
-
12-bit PWM/BRM static DAC output.
Sink/Source current 8 mA/-8 mA.
With
slew rate control and output delay:
1. Delay about 5ns: BSDAC1
2. Without delay: BSDAC0.
---------------------------------------------------------
* In the Flash/RAM-test mode
(when the chip is in reset state):
BSDAC0: A8 input.
* In the functional test mode
(CPU executes out of ext. program memory):
BSDAC0: A8 output.
56
57
58
53
54
55
38
39
40
33
-
-
DDAC0
DDAC1
DDAC2
I/O
O/P
A9
-
-
8-bit PWM dynamic DAC output.
Sink/Source current 8 mA/-8 mA.
With
slew rate control and output delay:
1. Delay about 5 nS: DDAC1.
2. Delay about 10 nS: DDAC2.
3. Without delay: DDAC0.
---------------------------------------------------------
* In the Flash/RAM-test mode
(when the chip is in reset state):
DDAC0: A9 input.
* In the functional test mode
(CPU executes out of ext. program memory):
DDAC0: A9 output.
59
56
41
34
BDDAC
I/O
A10
12-bit PWM/BRM dynamic DAC output.
Sink/Source current 8mA/-8mA.
With
slew rate control.
---------------------------------------------------------
* In the Flash/RAM-test mode
(when the chip is in reset state):
BDDAC: A10 input.
* In the functional test mode
(CPU executes out of ext. program memory):
BDDAC: A10 output.


Similar Part No. - W78E354

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E365 WINBOND-W78E365 Datasheet
392Kb / 40P
   8-BIT MICROCONTROLLER
W78E365 WINBOND-W78E365 Datasheet
428Kb / 43P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78E365 NUVOTON-W78E365 Datasheet
720Kb / 44P
   8-BIT MICROCONTROLLER
logo
Winbond
W78E365A WINBOND-W78E365A Datasheet
392Kb / 40P
   8-BIT MICROCONTROLLER
W78E365A WINBOND-W78E365A Datasheet
428Kb / 43P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E354

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C354 WINBOND-W78C354 Datasheet
426Kb / 44P
   MONITOR MICROCONTROLLER
W78E378 WINBOND-W78E378 Datasheet
396Kb / 38P
   MONITOR MICROCONTROLLER
logo
List of Unclassifed Man...
NT91315XL ETC-NT91315XL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
WT6132 ETC-WT6132 Datasheet
377Kb / 39P
   microcontroller for digital controlled monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com